Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 106Page - Renesas Technology Corp SH7041A Datasheet HTML 107Page - Renesas Technology Corp SH7041A Datasheet HTML 108Page - Renesas Technology Corp SH7041A Datasheet HTML 109Page - Renesas Technology Corp SH7041A Datasheet HTML 110Page - Renesas Technology Corp SH7041A Datasheet HTML 111Page - Renesas Technology Corp SH7041A Datasheet HTML 112Page - Renesas Technology Corp SH7041A Datasheet HTML 113Page - Renesas Technology Corp SH7041A Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 923 page
background image
72
Table 2.17
System Control Instructions (cont)
Instruction
Instruction Code
Operation
Exec.
Cycles
T Bit
STS.L
MACH,@–Rn
0100nnnn00000010
Rn–4
→ Rn, MACH → (Rn)
1
—
STS.L
MACL,@–Rn
0100nnnn00010010
Rn–4
→ Rn, MACL → (Rn)
1
—
STS.L
PR,@–Rn
0100nnnn00100010
Rn–4
→ Rn, PR → (Rn)
1
—
TRAPA
#imm
11000011iiiiiiii
PC/SR
→ stack area,
(imm
× 4 + VBR) → PC
8—
Note: * The number of execution cycles before the chip enters sleep mode: The execution cycles
shown in the table are minimums. The actual number of cycles may be increased when
(1) contention occurs between instruction fetches and data access, or (2) when the
destination register of the load instruction (memory
→ register) and the register used by
the next instruction are the same.
2.5
Processing States
2.5.1
State Transitions
The CPU has five processing states: reset, exception processing, bus release, program execution
and power-down. Figure 2.6 shows the transitions between the states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com