Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 144Page - Renesas Technology Corp SH7041A Datasheet HTML 145Page - Renesas Technology Corp SH7041A Datasheet HTML 146Page - Renesas Technology Corp SH7041A Datasheet HTML 147Page - Renesas Technology Corp SH7041A Datasheet HTML 148Page - Renesas Technology Corp SH7041A Datasheet HTML 149Page - Renesas Technology Corp SH7041A Datasheet HTML 150Page - Renesas Technology Corp SH7041A Datasheet HTML 151Page - Renesas Technology Corp SH7041A Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 923 page
background image
110
• Bit 8—NMI Edge Select (NMIE)
Bit 8: NMIE
Description
0
Interrupt request is detected on falling edge of NMI input (initial value)
1
Interrupt request is detected on rising edge of NMI input
• Bits 7–0—IRQ0–IRQ7 Sense Select (IRQ0S–IRQ7S): These bits set the IRQ0–IRQ7 interrupt
request detection mode.
Bits 7-0: IRQ0S–IRQ7S
Description
0
Interrupt request is detected on low level of IRQ input (initial value)
1
Interrupt request is detected on falling edge of IRQ input
6.3.3
IRQ Status Register (ISR)
The ISR is a 16-bit register that indicates the interrupt request status of the external interrupt input
pins
IRQ0–IRQ7. When IRQ interrupts are set to edge detection, held interrupt requests can be
withdrawn by writing a 0 to IRQnF after reading an IRQnF = 1.
A power-on reset initializes ISR but the standby mode does not.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
IRQ0F
IRQ1F
IRQ2F
IRQ3F
IRQ4F
IRQ5F
IRQ6F
IRQ7F
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
• Bits 15–8—Reserved: These bits always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com