Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7041A Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # SH7041A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7041A Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button SH7041A Datasheet HTML 193Page - Renesas Technology Corp SH7041A Datasheet HTML 194Page - Renesas Technology Corp SH7041A Datasheet HTML 195Page - Renesas Technology Corp SH7041A Datasheet HTML 196Page - Renesas Technology Corp SH7041A Datasheet HTML 197Page - Renesas Technology Corp SH7041A Datasheet HTML 198Page - Renesas Technology Corp SH7041A Datasheet HTML 199Page - Renesas Technology Corp SH7041A Datasheet HTML 200Page - Renesas Technology Corp SH7041A Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 923 page
background image
159
Table 9.2
Special Cache Space
Space Classification
Address
Size
Bus Width
Address array
H'FFFFF000–H'FFFFF3FF
1 kbyte
32 bit
Data array
H'FFFFF400–H'FFFFF7FF
1 kbyte
32 bit
9.3.1
Cache Address Array Read/Write Space
The cache address array has a compulsory read/write (figure 9.3).
Address
Upper 22 bits of the address array space address
(22 bits)
–
(2 bits)
Entry address
(8 bits)
31
0
21
10 9
Data
–
(6 bits)
–
(10 bits)
Tag address
(15 bits)
Valid bit (1 bit)
31
0
10 9
26 25 24
Figure 9.3 Cache Address Array
Address Array Read: Designates entry address and reads out the corresponding tag address
value/valid bit value.
Address Array Write: Designates entry address and writes the designated tag address value/valid
bit value.
9.3.2
Cache Data Array Read/Write Space
The cache data array has a compulsory read/write (figure 9.4).
Address
Upper 22 bits of the data array space address
(22 bits)
–
(2 bits)
Entry address
(8 bits)
31
0
21
10 9
Data
Data
(32 bits)
31
0
Figure 9.4 Cache Data Array
Data Array Read: Designates entry address and reads out the corresponding line of data.
Data Array Write: Designates entry address and writes designated data to the corresponding line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com