Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 38Page - Analog Devices ADP5350 Datasheet HTML 39Page - Analog Devices ADP5350 Datasheet HTML 40Page - Analog Devices ADP5350 Datasheet HTML 41Page - Analog Devices ADP5350 Datasheet HTML 42Page - Analog Devices ADP5350 Datasheet HTML 43Page - Analog Devices ADP5350 Datasheet HTML 44Page - Analog Devices ADP5350 Datasheet HTML 45Page - Analog Devices ADP5350 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 42 of 63
Table 25. CHARGER_TIMER_SETTING, Register Address 0x06 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
Not used.
6
EN_TEND
R/W
1
When low, this bit disables the charge complete timer (tEND), and a
31 ms deglitch timer remains on this function.
5
EN_CHG_TIMER
R/W
1
When high, the trickle/fast charge timer is enabled.
[4:3]
CHG_TMR_PERIOD
R/W
11
Trickle/fast charge timer period.
00 = 15 minutes/150 minutes.
01 = 30 minutes/300 minutes.
10 = 45 minutes/450 minutes.
11 = 60 minutes/600 minutes.
2
EN_WD
R/W
0
0 = the watchdog timer is disabled even when VBSNS exceeds VTRK_DEAD.
1 = the watchdog timer safety timer is enabled.
1
WD_PERIOD
R/W
0
Watchdog safety timer period.
0 = 32 sec to 40 min.
1 = 64 sec to 40 min.
0
RESET_WD
W
0
When this bit is high, the watchdog safety timer resets. This bit is
reset automatically.
Table 26. CHARGER_FUNCTION_SETTING1, Register Address 0x07 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
EN_JEITA
R/W
0
When low, this bit disables the JEITA Li-Ion temperature battery
charging specification.
6
DIS_IPK_SD
R/W
1
When high, this bit disables the automatic shutdown of the device if
four peak inductor current limits are reached in succession. In
addition, when this bit is high, it only flags the IPK_STAT status bit.
5
EN_BMON
R/W
0
When this bit is high, the battery monitor is enabled even when the
voltage at the VBUSx pins is below VVBUSOK_FALL.
4
EN_THR
R/W
0
When this bit is high, the THR current source is enabled even when
the voltage at the VBUSx pins is below VVBUSOK_FALL.
3
EN_DCDC
R/W
1
When this bit is low, the dc-to-dc converter is disabled. When this bit
is high, the dc-to-dc converter is enabled.
2
EN_EOC
R/W
1
When this bit is high, end of charge is allowed.
1
EN_TRK
R/W
1
When this bit is low, trickle charger is disabled and the dc-to-dc
converter is enabled.
0
EN_CHG
R/W
Factory setting
When this bit is low, charging is disabled. When this bit is high and
EN_DCDC = high, charging is enabled.
Table 27. CHARGER_STATUS1, Register Address 0x08 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
VBUS_OV
R
Not applicable
When high, this bit indicates that the voltage at the VBUSx pins
exceeds VVBUS_OV.
6
Not used
R
Not used.
5
VBUS_ILIM
R
Not applicable
When high, this bit indicates that the current into a VBUSx pin is
limited by the high voltage blocking FET and the charger is not
running at the full programmed ICHG.
4
THERM_LIM
R
Not applicable
When high, this bit indicates that the charger is not running at the
full programmed ICHG but is limited by the die temperature.
3
CHDONE
R
Not applicable
When high, this bit indicates the end of charge cycle is reached. This
bit latches on, in that it does not reset to low when the VRCH
threshold is breached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com