Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 20Page - Analog Devices ADP5350 Datasheet HTML 21Page - Analog Devices ADP5350 Datasheet HTML 22Page - Analog Devices ADP5350 Datasheet HTML 23Page - Analog Devices ADP5350 Datasheet HTML 24Page - Analog Devices ADP5350 Datasheet HTML 25Page - Analog Devices ADP5350 Datasheet HTML 26Page - Analog Devices ADP5350 Datasheet HTML 27Page - Analog Devices ADP5350 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 24 of 63
tBATOK timer expires, the charger assumes that no battery is
present. If the BSNS does not exceed the VBATH voltage when the
tBATOK timer expires, the charger assumes that a battery is present,
and begins a new charge cycle.
When the ADP5350 battery monitor is enabled and detects that
the battery voltage is higher than VWEAK, Bit 2 in Register 0x36,
BATOK, asserts high. The PGOOD pin can be programmed to
mask BATOK, which indicates whether the battery voltage is
higher than VWEAK.
Battery (ISOB) Short Detection
A battery short occurs under a damaged battery condition or
when the battery protection circuitry is enabled.
After a source phase, if the voltage on ISOB or BSNS remains
below VBATH, either the battery voltage is low or the battery node
is shorted. When the battery voltage is low, trickle charge mode is
initiated (see Figure 42). If the voltage on BSNS remains below
VBAT_SHR after tBAT_SHR has elapsed, the ADP5350 assumes that the
battery node is shorted. A fault is declared on Register 0x0A, Bit 3.
The trickle charge branch is active during the battery short
scenario, and trickle charge current to the battery is maintained
until the 60 minutes of the trickle charge mode timer expires.
BATTERY TEMPERATURE
Battery Pack Thermistor Input
The ADP5350 charger features battery pack temperature sensing
that precludes charging when the battery pack temperature is
outside the specified range. The THR pin provides an on and
off switching current source, which must be connected directly
to the battery pack thermistor, RNTC. The activation interval of
the THR current source is 167 ms.
The battery pack temperature sensing can be controlled by I2C
using the conditions shown in Table 12. Note that the I2C register
default setting for EN_THR (Register 0x07) is 0 = temperature
sensing off.
Table 12. THR Input Function
Conditions
THR Function
VBUSx
VISOB
Open or VBUS = 0 V to 4.0 V
<2.5 V
Off
Open or VBUS = 0 V to 4.0 V
>2.5 V
Controlled by I2C
VBUS = 4.0 V to 5.5 V
Don't care
Always on
If the battery pack thermistor is not connected directly to the
ADP5350 THR pin, connect a 47 kΩ (tolerance ±20%) dummy
resistor between THR and AGND. Leaving the THR pin open
results in a false detection of the battery temperature of <0°C and
charging being disabled. Alternatively, select the temperature
source from the I2C interface by setting Register 0x20, Bit 6.
The ADP5350 charger suspends charging if the battery tempera-
ture is outside the range of less than 0°C or greater than 60°C.
For temperatures greater than 0°C, and likewise for temperatures
lower than 60°C, the THR_STATUS[2:0] bits are set accordingly.
The ISOFET remains on while the dc-to-dc regulator shuts down.
The ADP5350 charger is designed for use with a negative
temperature coefficient (NTC) thermistor in the battery pack
with a nominal resistance value of 47 kΩ, 10 kΩ, or 100 kΩ at
25°C, which is selected via the I2C interface in Register 0x0C,
Bit 4, and Register 0x3D, Bit 0. The temperature coefficient
curve (beta) of RNTC also can be fuse selected in the ADP5350.
Figure 41. Battery Detection Sequence
Figure 42. Battery Short Detection Sequence
ISOB
SINK PHASE
LOGIC
STATUS
OPEN
OR
SHORT
tBAT_OK
VBATL
ISOB
OPEN
LOGIC
STATUS
SOURCE PHASE
tBAT_OK
VBATH
SINK PHASE
SOURCE PHASE
TRICKLE CHARGE
ISOB
ISOB
ISOB
LOGIC
STATUS
OPEN
OR
SHORT
tBAT_OK
LOGIC
STATUS
SHORT
OR
LOW
BATTERY
tBAT_OK
LOGIC
STATUS
SHORT
tBAT_SHR
VBATL
VBATH
VBAT_SHR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com