Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 17Page - Analog Devices ADP5350 Datasheet HTML 18Page - Analog Devices ADP5350 Datasheet HTML 19Page - Analog Devices ADP5350 Datasheet HTML 20Page - Analog Devices ADP5350 Datasheet HTML 21Page - Analog Devices ADP5350 Datasheet HTML 22Page - Analog Devices ADP5350 Datasheet HTML 23Page - Analog Devices ADP5350 Datasheet HTML 24Page - Analog Devices ADP5350 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 21 of 63
THEORY OF OPERATION
BATTERY CHARGER OVERVIEW
The ADP5350 integrates a fully I2C-programmable charger for
single-cell Li-Ion or Li-Ion polymer batteries suitable for a wide
range of portable applications.
Figure 40 shows the complete charge cycle of the ADP5350
when VBUSx is connected. The ISOS pin voltage remains at
VISOS_TRK when the device is not charging or when it is in trickle
charge mode. When the device begins a fast charge, the VISOS
voltage follows the battery voltage until the charge is complete.
The charge current keeps constant in CC mode and reduces to
IEND in CV mode. When the battery voltage, VISOB, drops to VTRM
− VRCH, the charger resumes to charge until the charge
completes.
The highly efficient switch dc-to-dc architecture enables higher
charging currents as well as a lower temperature charging
operation that results in faster charging times.
The charger of the ADP5350 operates from an input voltage
from 4 V to 5.4 V but is tolerant of voltages of up to 20 V. This
tolerance alleviates concerns about USB bus spiking during
disconnection or connection.
The ADP5350 features an internal FET between the dc-to-dc
charger output and the battery. This FET permits battery
isolation and, therefore, system powering in a dead battery or
no battery scenario, which allows immediate system function
upon connection to a USB power supply.
The charger of the ADP5350 is fully compliant with the USB 3.0
specification and enables charging via the mini USB VBUSx pin
from a wall charger, car charger, or USB host port. Based on the
type of USB source, which is detected by an external USB
detection device, the ADP5350 can be set to apply the correct
current limit for optimal charging and USB compliance. The USB
charger permits correct operation under all USB compliant
sources, such as wall chargers, host chargers, hub chargers, and
standard hosts and hubs.
A processor is able to control the USB charger using the I2C to
program the charging current and numerous other parameters,
including
•
Trickle charge current level and voltage threshold
•
Fast charge (CC) current level
•
Fast charge (CV) voltage level
•
Fast charge safety timer period
•
Watchdog safety timer parameters
•
Weak battery threshold detection
•
End of charge current level for charge complete
•
Recharge threshold
•
VBUSx input current limit
•
Charge enable and disable
Figure 40. ADP5350 Battery Charging Profile
VISOS
VISOB
IISOB
CHARGE
DISABLE
TRICKLE
CHARGE
FAST CHARGE CC
FAST CHARGE CV
RECHARGE
CHARGE
COMPLETE
CHARGE
COMPLETE
ITRK_DEAD
VTRK_DEAD
IEND
ICHG
VRCH
VTRM
VISOS_FC
VISOS_TRK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com