Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5350
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5350 Datasheet HTML 9Page - Analog Devices ADP5350 Datasheet HTML 10Page - Analog Devices ADP5350 Datasheet HTML 11Page - Analog Devices ADP5350 Datasheet HTML 12Page - Analog Devices ADP5350 Datasheet HTML 13Page - Analog Devices ADP5350 Datasheet HTML 14Page - Analog Devices ADP5350 Datasheet HTML 15Page - Analog Devices ADP5350 Datasheet HTML 16Page - Analog Devices ADP5350 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 13 of 63
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. LFCSP Pin Configuration (Top View)
Table 9. LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INT
Processor Interrupt (Active Low). This pin requires an external pull-up resistor. If this pin is not used, it can be
left floating.
2
PGOOD
Power-Good Signal Output. This open-drain output is the power-good signal for the selected channels.
3
THR
Battery Pack Thermistor Connection.
4
BSNS
Battery Voltage Sense Pin.
5
ISOB
Battery Supply Side Input to Internal Isolation FET/Battery Current Regulation FET.
6
ISOS
Charger Supply Side Input to Internal Isolation FET/Battery Current Regulation FET.
7
AGND
Analog Ground.
8
CFL1
Power input to the charger regulator. Connect a ceramic filter capacitor between this pin and either PGND1A
or PGND1B.
9, 10
PGND1A,
PGND1B
Power Ground for the Battery Charger.
11, 12
SW1A, SW1B
Switching Node for the Battery Charger.
13, 14
VBUSA, VBUSB
Power Connection to USB Bus Voltage.
15
SW4
Switching Node for the Boost Regulator.
16
PGND4
Power Ground for the Boost Regulator.
17
VOUT4
Power Output for the Boost Regulator.
18
FB4
Feedback Sensing Input for the Boost Regulator. In standalone mode, connect this pin to a resistor divider
from VVOUT4. In LED operation mode, connect FB4 to ground.
19
VIN4
Input Voltage for the Boost Regulator and LDO Control Block.
20
D1
LED 1 Sink Channel. Connect this pin to the cathode of the LED.
21
D2
LED 2 Sink Channel. Connect this pin to the cathode of the LED.
22
D3
LED 3 Sink Channel. Connect this pin to the cathode of the LED.
23
D4
LED 4 Sink Channel. Connect this pin to the cathode of the LED.
24
D5
LED 5 Sink Channel. Connect this pin to the cathode of the LED.
25
VOUT3
Power Output for LDO3.
26
CFL2
Internal Regulator Output for the Fuel Gauge. Connect a ceramic capacitor between this pin and AGND.
27
VIN123
Power Input for LDO1, LDO2, and LDO3.
28
VOUT2
Power Output for LDO2.
29
VOUT1
Power Output for LDO1.
30
SCL
I2C Serial Clock. This pin requires an external pull-up resistor.
31
SDA
I2C Serial Data. This pin requires an external pull-up resistor.
32
BATOK
Battery Status Open-Drain Output Flag (Active High). This pin enables the system when the battery reaches
VWEAK.
EPAD
Exposed Pad (Analog Ground). The exposed pad must be connected and soldered to an external ground plane.
24 D5
23 D4
22 D3
21 D2
20 D1
19 VIN4
18 FB4
17 VOUT4
1
2
3
4
5
6
7
8
INT
PGOOD
THR
BSNS
ISOB
ISOS
AGND
CFL1
NOTES
1. EXPOSED PAD (ANALOG GROUND). THE EXPOSED
PAD MUST BE CONNECTED AND SOLDERED TO
AN EXTERNAL GROUND PLANE.
ADP5350
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com