Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6685AJS Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6685AJS
Description  8,388,608-Word x 1-Bit Serial Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6685AJS Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6685AJS Datasheet HTML 1Page - OKI electronic componets MSM6685AJS Datasheet HTML 2Page - OKI electronic componets MSM6685AJS Datasheet HTML 3Page - OKI electronic componets MSM6685AJS Datasheet HTML 4Page - OKI electronic componets MSM6685AJS Datasheet HTML 5Page - OKI electronic componets MSM6685AJS Datasheet HTML 6Page - OKI electronic componets MSM6685AJS Datasheet HTML 7Page - OKI electronic componets MSM6685AJS Datasheet HTML 8Page - OKI electronic componets MSM6685AJS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
¡ Semiconductor
3/9
MSM6685A
PIN CONFIGURATION (TOP VIEW)
NC : No connection
26/20-Pin Plastic SOJ
TEST
RWCK
NC
TEST
TEST
VSS
NC
DIN
TEST
TEST
1
2
3
4
5
9
10
11
12
13
VCC
26
TEST
25
TEST
24
SAD
23
SAS
22
NC
14
DOUT
15
WE
16
CS
17
TAS
18
PIN DESCRIPTION
Note : All TEST pins are to be connected to the power supply.
The TEST pin is to be referenced to the ground level.
Test input
Pin
Description
25
Test input
1, 4, 5
9, 10, 24
Read/write clock
2
Data input
11
Ground (0 V)
13
Data output
15
Write enable
16
Chip select
17
Transfer address strobe
18
Serial address strobe
22
Serial address data
23
Power supply (5 V)
26
Symbol
TEST
TEST
RWCK
DIN
VSS
DOUT
WE
CS
TAS
SAS
SAD
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com