Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6685AJS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6685AJS
Description  8,388,608-Word x 1-Bit Serial Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6685AJS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6685AJS Datasheet HTML 1Page - OKI electronic componets MSM6685AJS Datasheet HTML 2Page - OKI electronic componets MSM6685AJS Datasheet HTML 3Page - OKI electronic componets MSM6685AJS Datasheet HTML 4Page - OKI electronic componets MSM6685AJS Datasheet HTML 5Page - OKI electronic componets MSM6685AJS Datasheet HTML 6Page - OKI electronic componets MSM6685AJS Datasheet HTML 7Page - OKI electronic componets MSM6685AJS Datasheet HTML 8Page - OKI electronic componets MSM6685AJS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
¡ Semiconductor
1/9
MSM6685A
¡ Semiconductor
MSM6685A
8,388,608-Word x 1-Bit Serial Register
This version: Feb. 1999
GENERAL DESCRIPTION
The MSM6685A is a serial register composed of 8,388,608 words x one bit, characterized by medium-
speed, low power consumption operation.
This device has a built-in internal address generation circuit allowing continuous serial read/write
operationbyexternalclockinput. Read/writeoperationcausestheinternaladdresstobeincremented
automatically by +1.
External address input enables addressing in units of 1024 words. Furthermore, a refresh timer and
a refresh address counter are installed, which makes an external refresh circuit unnecessary. In
addition, this configuration allows lower power consumption.
The device is packaged in 26-pin SOJ having a width of 300 mil.
It is well adapted for storing much data by means of a battery backup. Its combination with OKI's
recording and playback IC enables the easy implementation of a solid recording and playback
system.
FEATURES
• Configuration
: 8,388,608 ¥ 1 bit
• Serial access operation
Serial access time
: 1.5 ms
Serial read/write time
: 2.5 ms
• Low current drain
: 200 mA max. (VCC = 4 V, at refresh operation, with
data stored and under standard conditions)
• Refresh operation
A self-refresh function is supported.
• Wide range of operating voltage
: Single 3.5 to 5.5 V supply
• Addressing
: In units of 1024 words
• Process
: 0.45 mm double well CMOS process
• Package:
26/20-pin plastic SOJ (SOJ26/20-P-300-1.27) (Product name : MSM6685AJS)
E2D0109-19-21


Similar Part No. - MSM6685AJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
More results

Similar Description - MSM6685AJS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V6402D OKI-MR27V6402D Datasheet
93Kb / 13P
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit One Time PROM
MSM6389C OKI-MSM6389C Datasheet
141Kb / 12P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM63V89C OKI-MSM63V89C Datasheet
141Kb / 11P
1,048,576-Word x 1-Bit Solid-State Recorder Data Register
MSM6684B OKI-MSM6684B Datasheet
117Kb / 10P
4,194,304-word x 1-bit Serial Register
MSM6685 OKI-MSM6685 Datasheet
84Kb / 9P
8,388,608-Word x 1-Bit Serial Register
MSM66V84B OKI-MSM66V84B Datasheet
124Kb / 11P
4,194,304-word x 1-bit Serial Register
MSM6586 OKI-MSM6586 Datasheet
187Kb / 14P
262,144-Word x 1-Bit Serial Register
MSM6587 OKI-MSM6587 Datasheet
179Kb / 14P
524,288-Word x 1-Bit Serial Register
MR27V6452D OKI-MR27V6452D Datasheet
83Kb / 10P
4,194,304-Word x 16-Bit or 8,388,608-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com