Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6685AJS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM6685AJS
Description  8,388,608-Word x 1-Bit Serial Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6685AJS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM6685AJS Datasheet HTML 2Page - OKI electronic componets MSM6685AJS Datasheet HTML 3Page - OKI electronic componets MSM6685AJS Datasheet HTML 4Page - OKI electronic componets MSM6685AJS Datasheet HTML 5Page - OKI electronic componets MSM6685AJS Datasheet HTML 6Page - OKI electronic componets MSM6685AJS Datasheet HTML 7Page - OKI electronic componets MSM6685AJS Datasheet HTML 8Page - OKI electronic componets MSM6685AJS Datasheet HTML 9Page - OKI electronic componets MSM6685AJS Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
¡ Semiconductor
7/9
MSM6685A
PIN FUNCTIONS AND OPERATING MODES
• Serial address input (SAD)
Pin used to enter start address for reading/writing. An address can be specified in units of 1024
words. 1024 words of address data can be entered through the pin as 13 bits (A0 to A12) of serial data.
• Serial address strobe (SAS)
This is a clock pin for latching serial address data into an internal register.
• Address transfer strobe (TAS)
This is an input pin for loading the internal address counter with serial address data latched in the
address register.
• Read/write clock (RWCK)
This is a clock input pin for reading and writing information in the data register. The trailing edge
of RWCK triggers off internal operation. In the reading mode, information in the data register is
output to the DOUT pin. In the writing mode, the data register is loaded with DIN information. A
the leading edge of RWCK, the internal address counter is incremented automatically by +1.
• Write enable (WE)
This is an input pin for selecting the read mode, the write mode, or the read-modify-write mode.
When WE is "H", the read mode is set up and, when WE is "L", the write mode is set up. When the
level is lowered from "H" to "L" with RWCK active, the read-modify-write mode is set up.
• Data input (DIN)
This is a pin for entering write data. Information on the data input pin is latched when the trailing
edge of RWCK is encountered in the write mode and that of WE is encountered in the read-modify
mode.
• Data output (DOUT)
The data output pin always provides high impedance as long as RWCK or CS is kept at "H". When
"H" or "L" information is read, the output pin set at "H" or "L", and information read is held until
RWCK returns to "H" . In the early write mode, the output pin is maintained at high impedance,
so that, connection of DIN and DOUT enables "I/O common operation".
• Chip select (CS)
This is an input pin for disabling all input pins. This pin allows the use of two or more MSM6684A
devices with data input and output pins connected in parallel.
• Test (TEST, TEST)
The TEST pin must always be fixed at "L" and the TEST pin at "H".



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com