Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM6685AJS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM6685AJS
Description  8,388,608-Word x 1-Bit Serial Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6685AJS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM6685AJS Datasheet HTML 1Page - OKI electronic componets MSM6685AJS Datasheet HTML 2Page - OKI electronic componets MSM6685AJS Datasheet HTML 3Page - OKI electronic componets MSM6685AJS Datasheet HTML 4Page - OKI electronic componets MSM6685AJS Datasheet HTML 5Page - OKI electronic componets MSM6685AJS Datasheet HTML 6Page - OKI electronic componets MSM6685AJS Datasheet HTML 7Page - OKI electronic componets MSM6685AJS Datasheet HTML 8Page - OKI electronic componets MSM6685AJS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
¡ Semiconductor
5/9
MSM6685A
AC Characteristics
Parameter
Symbol
Min
Max
Unit
Read/Write Cycle Time
tRWC
2,500
—
ns
Access Time
tACC
—
1,500
ns
Output Turn-off Delay Time
tOFF
050
ns
I/O Signal Rise Time
tT
350
ns
RWCK Pre-charge Time
tRWP
1,000
—
ns
SAS Cycle Time
tRW
1,500
10,000
ns
SAS Pre-charge Time
tSSC
100
—
ns
SAS Pulse Duration
tSAP
50
—
ns
Address Setup Time
tSAS
50
—
ns
Adress Hold Time
tAS
0—
ns
TAS Setup Time
tAH
50
—
ns
TAS . RWCK Setup Time
tATS
50
—
ns
TAS Pulse Duration
tTRS
50
—
ns
Read Instruction Setup Time
tTAS
50
—
ns
Read Instruction Hold Time
tRRS
0—
ns
Write Instruction Setup Time
tRRH
250
—
ns
Write Instruction Hold Time
tWRS
0—
ns
Write Instruction Pulse Duration
tWRH
50
—
ns
WE. RWCK Read Time
tWP
50
—
ns
Data Setup Time
tRWL
50
—
ns
Data Hold Time
tDS
0—
ns
RWCK. WE Delay Time
tDH
50
—
ns
tRWD
50
—
ns
RWCK Pulse Time
(VCC = 3.5 V to 5.5 V, Ta = 0 to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com