Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2582 Datasheet HTML 1Page - Microchip Technology MIC2582 Datasheet HTML 2Page - Microchip Technology MIC2582 Datasheet HTML 3Page - Microchip Technology MIC2582 Datasheet HTML 4Page - Microchip Technology MIC2582 Datasheet HTML 5Page - Microchip Technology MIC2582 Datasheet HTML 6Page - Microchip Technology MIC2582 Datasheet HTML 7Page - Microchip Technology MIC2582 Datasheet HTML 8Page - Microchip Technology MIC2582 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MIC2582/3
DS20006573A-page 2
2021 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
SENSE
DOWNSTREAM
CONTROLLER
Power-Good Output
Power-On Reset Output
VCC
GATE
DIS
PWRGD
/POR
EN
/RESET
FB
/FAULT
C2
0.01μF
C1
1μF
CLOAD
500 F
Q1
Si7892DP
(PowerPAK SOIC-8)
VOUT
12V@6A
VIN
12V
VLOGIC
/FAULT
Signal
GND
R5
93.1k
1%
R8
47k
R1
3.3‰
R2
76.8k
1%
R4
47k
R3
9.76k
1%
**D1
(18V)
R6
12.4k
1%
C4
8200pF
C3
0.1μF
CPOR
CFILTER
GND
PCB EDGE
CONNECTOR
BACKPLANE
CONNECTOR
Long Pin
Short Pin
Medium
(or Short) Pin
Long Pin
MIC2583/83R
VLOGIC
R7
47k
RSENSE
0.006
2%
12
34
16
15
14
13
2
1
12
5
7, 8
4
11
ON
3
*Undervoltage (Input) = 10.5V
*Undervoltage (Output) and
Power-Good (Output) = 11.0V
*START-UP Delay = 12ms
*/POR Delay = 50ms
*Circuit Breaker Response Time = 1.5ms
**D1 is BZX84C18
*(See Functional Description and Applications Information)
VREF
MIC2583/83R
GATE
DIS
/FAULT
/POR
9V
Circuit Breaker
Trips
or UVLO
21V
500
Ω
PWRGD
ON
3(2)
2
1(1)
11
13
14(6)
1.24V
Reference
+
–
VREF
VREF
ICPOR
ITIMER
VCC
VCC
0.3V
VREF
6.5
μA
6.5
μA
2.5
μA
100mV
50mV
SENSE
15(7)
VCC
16(8)
CFILTER
5
GND
7,8(4)
FB
12(5)
CPOR
4 (3)
+
–
+
–
+
–
+
–
+
–
+
–
Logic
UVLO
2.2V
Glitch
Filter
Glitch
Filter
Charge
Pump
Pin numbers for MIC2582 are in parenthesis ( ) where applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com