Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 17Page - Microchip Technology MIC2582 Datasheet HTML 18Page - Microchip Technology MIC2582 Datasheet HTML 19Page - Microchip Technology MIC2582 Datasheet HTML 20Page - Microchip Technology MIC2582 Datasheet HTML 21Page - Microchip Technology MIC2582 Datasheet HTML 22Page - Microchip Technology MIC2582 Datasheet HTML 23Page - Microchip Technology MIC2582 Datasheet HTML 24Page - Microchip Technology MIC2582 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 21
MIC2582/3
Taking the simplest case first, we’ll assume that once a
fault event such as the one in question occurs, it will be
a long time—ten minutes or more—before the fault is
isolated and the channel is reset. In such a case, we
can approximate this as a “single pulse” event, that is
to say, there’s no significant duty cycle. Then, reading
up from the X-axis at the point where “Square Wave
Pulse Duration” is equal to 0.1 sec (100 ms), we see
that the Zθ(JA) of this MOSFET to a highly infrequent
event of this duration is only 8% of its continuous
Rθ(JA).
This particular part is specified as having an Rθ(JA) of
50°C/W for intervals of 10 seconds or less.
Thus:
Assume TA = 55°C maximum, 1 square inch of copper
at the drain leads, no airflow.
Recalling from our previous approximation hint, the
part has an RON of (0.0335/2) = 17 mΩ at 25°C.
Assume it has been carrying just about 2.5A for some
time.
When performing this calculation, be sure to use the
highest anticipated ambient temperature (TA(MAX)) in
which the MOSFET will be operating as the starting
temperature, and find the operating junction
temperature increase (∆TJ) from that point. Then, as
shown next, the final junction temperature is found by
adding TA(MAX) and ∆TJ. Because this is not a
closed-form equation, getting a close approximation
may take one or two iterations, and the calculation
tends to converge quickly.
Then the starting (steady-state) TJ is:
EQUATION 5-11:
Iterate the calculation once to see if this value is within
a few percent of the expected final value. For this
iteration we will start with TJ equal to the already
calculated value of 61.1°C:
EQUATION 5-12:
So our original approximation of 61.1°C was very close
to the correct value. We will use TJ = 61°C.
Finally, add the temperature increase due to the
maximum power dissipation calculated from a “single
event”, (11.25W)(50°C/W)(0.08) = 45°C to the
steady-state TJ to get TJ(TRANSIENT MAX) = 106°C. This
is an acceptable maximum junction temperature for this
part.
FIGURE 5-5:
Transient Thermal Impedance.
TJ TA MAX
TJ
+
TJ TA MAX
RON TA MAX
T
A
–
0.005/C
RON
+
+
I2
RJA
TJ 55C 17m 55C 25C
–
0.005
17m
+
+
2.5A2
50C/W
TJ 55C 0.122W 50C/W
+
61.1C
TJ TA 17m 61.1C 25C
–
0.005
17m
+
+
2.5A2
50C/W
TJ 55C 0.125W 50C/W
+
61.27C
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
30
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 50
°C/W
3. TJM – T A = P DMZthJA (t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com