Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2582 Datasheet HTML 9Page - Microchip Technology MIC2582 Datasheet HTML 10Page - Microchip Technology MIC2582 Datasheet HTML 11Page - Microchip Technology MIC2582 Datasheet HTML 12Page - Microchip Technology MIC2582 Datasheet HTML 13Page - Microchip Technology MIC2582 Datasheet HTML 14Page - Microchip Technology MIC2582 Datasheet HTML 15Page - Microchip Technology MIC2582 Datasheet HTML 16Page - Microchip Technology MIC2582 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
2021 Microchip Technology Inc.
DS20006573A-page 13
MIC2582/3
4.0
FUNCTIONAL DESCRIPTION
4.1
Hot Swap Insertion
When circuit boards are inserted into live system
backplanes and supply voltages, high inrush currents
can result due to the charging of bulk capacitance that
resides across the supply pins of the circuit board. This
inrush current, although transient in nature, may be
high enough to cause permanent damage to on board
components or may cause the system’s supply
voltages to go out of regulation during the transient
period which may result in system failures. The
MIC2582 and MIC2583 act as a controller for external
N-channel MOSFET devices in which the gate drive is
controlled to provide inrush current-limiting and output
voltage slew rate control during hot plug insertions.
4.2
Power Supply
VCC is the supply input to the MIC2582/83 controller
with a voltage range of 2.3V to 13.2V. The VCC input
can withstand transient spikes up to 20V. In order to
ensure stability of the supply voltage, a minimum
0.47 µF capacitor from VCC to ground is
recommended. Alternatively, a low-pass filter, shown in
the Typical Application Circuit, can be used to eliminate
high frequency oscillations as well as help suppress
transient spikes.
Also, due to the existence of an undetermined amount
of parasitic inductance in the absence of bulk
capacitance along the supply path, placing a Zener
diode at the VCC side of the controller to ground in order
to provide external supply transient protection is
strongly recommended for relatively high current
applications (≥3A). See the Typical Application Circuit.
4.3
Start-Up Cycle
Referring to Figure 1-3: When the VCC input voltage is
first applied, it raises above the UVLO threshold
voltage (VUV, (1) in Figure 1-3). A minimum of 20 μs
later, ((2) in Figure 1-3), the voltage on the ON pin can
be taken above the ON pin threshold (VON). At that
time, the CPOR current source (ICPOR), is turned on,
and the voltage at the CPOR pin starts to rise. See
Table 4-2 for some typical supply start-up delays using
several standard value capacitors. When the CPOR
voltage reaches the start threshold voltage (VSTART, (3)
in Figure 1-3), two things happen:
1. The external power FET driver charge pump is
turned on, and the output voltage starts to rise.
2. The capacitor on the CPOR pin is discharged to
ground.
The voltage on the feedback (FB) pin tracks the VOUT,
output voltage through the feedback divider resistors
(R1 and R2 in Figure 1-4). When the output voltage
rises, and the FB voltage reaches the FB threshold
voltage (VFB), the current source into the CPOR pin is
again turned on, and the voltage at the CPOR pin starts
to rise. When the CPOR voltage reaches the threshold
voltage (VTH, (4) in Figure 1-3), the /POR pin goes high
impedance, and is allowed to be pulled up by the
external pull-up resistor on the /POR pin. This indicates
that the output power is good.
In the MIC2583, when the FB threshold voltage (VFB) is
reached, the Power Good (PWRGD) pin goes open
circuit, high impedance, and is allowed to be pulled up
by the external pull-up resistor on the PWRGD pin. The
non-delayed power good feature is only available on
the MIC2583.
Active current regulation is employed to limit the inrush
current transient response during start-up by regulating
the load current at the programmed current-limit value
(See the Current Limiting and Dual-Level Circuit
Breaking section). The following equation is used to
determine the nominal current-limit value:
EQUATION 4-1:
There are two basic start-up modes for the
MIC2582/83: Start-up dominated by load capacitance
or Start-up dominated by total gate capacitance. The
magnitude of the inrush current delivered to the load
will determine the dominant mode. If the inrush current
is greater than the programmed current limit (ILIM), then
load capacitance is dominant. Otherwise, gate
capacitance is dominant. The expected inrush current
is calculated using the following equation:
EQUATION 4-2:
ILIM
VTRIPSLOW
RSENSE
-----------------------------
50mV
RSENSE
-------------------
=
=
Where:
VTRIPSLOW = The current limit slow trip threshold
found in the Electrical Characteristics table.
RSENSE = The selected value that will set the desired
current limit.
Inrush IGATE
CLOAD
CGATE
------------------
17A
CLOAD
CGATE
------------------
=
Where:
IGATE = The GATE pin pull-up current.
CLOAD = The load capacitance.
CGATE = The total GATE capacitance (CISS of the
external MOSFET and any external capacitor
connected from the MIC2582/83 GATE pin to
ground.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com