Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2582
Description  Single-Channel Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2582 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2582 Datasheet HTML 1Page - Microchip Technology MIC2582 Datasheet HTML 2Page - Microchip Technology MIC2582 Datasheet HTML 3Page - Microchip Technology MIC2582 Datasheet HTML 4Page - Microchip Technology MIC2582 Datasheet HTML 5Page - Microchip Technology MIC2582 Datasheet HTML 6Page - Microchip Technology MIC2582 Datasheet HTML 7Page - Microchip Technology MIC2582 Datasheet HTML 8Page - Microchip Technology MIC2582 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MIC2582/3
DS20006573A-page 4
2021 Microchip Technology Inc.
Current-Limit/Overcurrent
Timer (CFILTER) Current
(MIC2583/83R)
ITIMER
–8.5
–6.5
–4.5
µA
VCC − VSENSE > VTRIPSLOW (timer on)
4.5
6.5
8.5
VCC − VSENSE > VTRIPSLOW (timer off)
Power-on-Reset Timer
Current
ICPOR
–3.5
2.5
–1.5
µA
Timer on
0.5
1.3
—
mA
Timer off
POR Delay and
Overcurrent Timer
(CFILTER) Threshold
VTH
1.19
1.245
1.30
V
VCPOR rising
VCFILTER rising (MIC2583/83R only)
Undervoltage Lockout
Threshold
VUV
2.1
2.2
2.3
V
VCC rising
1.90
2.05
2.20
VCC falling
Undervoltage Lockout
Hysteresis
VUVHYS
—
150
—
mV
—
ON Pin Threshold Voltage
VON
1.19
1.24
1.29
V
2.3V ≤ VCC ≤ 13.2V
ON rising
1.14
1.19
1.24
ON falling
ON Pin Hysteresis
VONHYS
—
50
—
mV
—
ON Pin Threshold Line
Regulation
ΔVON
—
2
—
mV
2.3V ≤ VCC ≤ 13.2V
ON Pin Input Current
ION
—
—
–0.5
µA
VON = VCC
Start-Up Delay Timer
Threshold
VSTART
0.26
0.31
0.36
V
VCPOR rising
Auto-Restart Threshold
Voltage
(MIC2583R only)
VAUTO
0.19
1.24
1.30
V
Upper threshold
0.26
0.31
0.36
Lower threshold
Auto-Restart Current
(MIC2583R only)
IAUTO
10
13
16
µA
Charge current
—
1.4
2
Discharge current
Power Good Threshold
Voltage
VFB
1.19
1.24
1.29
V
2.3V = VCC = 13.2V
FB rising
1.15
1.20
1.25
FB falling
FB Hysteresis
VFBHYS
—
40
—
mV
—
FB Pin Leakage Current
IFBLKG
—
—
1.5
µA
2.3V = VCC = 13.2V, VFB = 1.3V
/POR, /FAULT, PWRGD
Output Voltage
VOL
—
—
0.4
V
(/FAULT, PWRGD MIC2583/83R only),
IOUT = 1 mA
Output Discharge
Resistance
(MIC2583/83R only)
RDIS
—
500
1000
Ω
—
Fast Overcurrent SENSE
to GATE Low Trip Time
tOCFAST
—
1
—
µs
VCC = 5V, VCC − VSENSE = 100 mV
CGATE = 10 nF, Figure 1-1
Slow Overcurrent SENSE
to GATE Low Trip Time
tOCSLOW
—
5
—
µs
VCC = 5V, VCC − VSENSE = 50 mV
CFILTER = 0, Figure 1-1
ON Delay Filter
tONDLY
—
20
—
µs
—
FB Delay Filter
tFBDLY
—
20
—
µs
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VCC = 5.0V; TA = +25°C, bold values valid for –40°C ≤ TA ≤ +85°C, unless noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.
2: Not a tested parameter. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com