Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8016S Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDPC8016S Datasheet HTML 3Page - ON Semiconductor FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor FDPC8016S Datasheet HTML 10Page - ON Semiconductor FDPC8016S Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FDPC8016S
www.onsemi.com
6
TYPICAL CHARACTERISTICS (Q1 N-Channel)
(TJ = 25°C unless otherwise noted)
Figure 7. Gate Charge Characteristics
Figure 8. Capacitance vs. Drain to Source Voltage
Figure 9. Unclamped Inductive
Switching Capability
Figure 10. Maximum Continuous Drain Current
vs. Case Temperature
Figure 11. Forward Bias Safe Operating Area
Figure 12. Single Pulse Maximum Power
Dissipation
0
6
12
18
24
30
0
2
4
6
8
10
ID = 20 A
VDD = 15 V
VDD = 10 V
Qg, GATE CHARGE (nC)
VDD = 13 V
0.1
1
10
25
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
0.001
0.01
0.1
1
10
100
1
10
30
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
tAV, TIME IN AVALANCHE (ms)
25
50
75
100
125
150
0
10
20
30
40
50
60
70
VGS = 4.5 V
= 6.0 oC/W
VGS = 10 V
T
C, CASE TEMPERATURE (
oC
)
0.1
1
10
80
0.1
1
10
100
500
CURVE BENT TO
MEASURED DATA
10
10 ms
DC
100
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY rDS(on)
SINGLE PULSE
TJ = MAX RATED
= 6.0
oC/W
TC = 25
oC
10
−5
10
−4
10
−3
10
−2
10
−1
1
10
100
1000
5000
SINGLE PULSE
= 6.0
oC/W
T
C = 25
oC
t, PULSE WIDTH (sec)
RqJC
RqJC
RqJC
ms
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com