Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8016S Datasheet(PDF) 12 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor FDPC8016S Datasheet HTML 10Page - ON Semiconductor FDPC8016S Datasheet HTML 11Page - ON Semiconductor FDPC8016S Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
FDPC8016S
www.onsemi.com
11
TYPICAL CHARACTERISTICS (continued)
SyncFET Schottky Body Diode Characteristics
ON’s SyncFET process embeds a Schottky diode in
parallel with PowerTrench MOSFET. This diode exhibits
similar characteristics to a discrete external Schottky diode
in parallel with a MOSFET. Figure 27 shows the reverse
recovery characteristic of the FDPC8016S.
Schottky barrier diodes exhibit significant leakage at high
temperature and high reverse voltage. This will increase the
power in the device.
Figure 27. FDPC8016S SyncFET Body Diode Reverse
Recovery Characteristic
Figure 28. SyncFET Body Diode Reverse Leakage vs.
Drain-Source Voltage
50
100
150
200
250
300
350
400
−5
0
5
10
15
20
25
30
35
40
di / dt = 200 A/
TIME (ns)
0
5
10
15
20
25
10
−6
10
−5
10
−4
10
−3
10
−2
TJ = 125 oC
TJ = 100 oC
TJ = 25 oC
V
DS, REVERSE VOLTAGE (V)
ms
POWERTRENCH is a registered trademark and SyncFET is a trademark of Semiconductor Components Industries, LLC (SCILLC) or its
subsidiaries in the United States and/or other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com