Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8016S Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 2 Page - ON Semiconductor

  FDPC8016S Datasheet HTML 1Page - ON Semiconductor FDPC8016S Datasheet HTML 2Page - ON Semiconductor FDPC8016S Datasheet HTML 3Page - ON Semiconductor FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2019 − Rev. 6
1
Publication Order Number:
FDPC8016S/D
MOSFET - Dual N‐Channel,
Asymmetric,
POWERTRENCH) Power
Clip 25 V
FDPC8016S
General Description
This device includes two specialized N−Channel MOSFETs in a
dual package. The switch node has been internally connected to enable
easy placement and routing of synchronous buck converters. The
control MOSFET (Q1) and synchronous SyncFET
™ (Q2) have been
designed to provide optimal power efficiency.
Features
Q1: N-Channel
• Max RDS(on) = 3.8 mW at VGS = 10 V, ID = 20 A
• Max RDS(on) = 4.7 mW at VGS = 4.5 V, ID = 18 A
Q2: N-Channel
• Max RDS(on) = 1.4 mW at VGS = 10 V, ID = 35 A
• Max RDS(on) = 1.7 mW at VGS = 4.5 V, ID = 32 A
• Low Inductance Packaging Shortens Rise/Fall Times, Resulting in
Lower Switching Losses
• MOSFET Integration Enables Optimum Layout for Lower Circuit
Inductance and Reduced Switch Node Ringing
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Computing
• Communications
• General Purpose Point of Load
Power Clip 56
(PQFN8 5x6)
CASE 483AR
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
www.onsemi.com
N-Channel MOSFET
MARKING DIAGRAM
$Y
= ON Semiconductor Logo
&Z
= Assembly Plant Code
&3
= Numeric Date Code
&K
= Lot Code
05OD 15OD
= Specific Device Code
$Y&Z&3&K
05OD
15OD
PIN1
Top View
Bottom View
ELECTRICAL CONNECTION
PIN ASSIGNMENT
GR
LSG
SW
SW
SW
V+
V+
HSG
*PAD10 V+(HSD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com