Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDPC8016S Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDPC8016S
Description  MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPC8016S Datasheet(HTML) 3 Page - ON Semiconductor

  FDPC8016S Datasheet HTML 1Page - ON Semiconductor FDPC8016S Datasheet HTML 2Page - ON Semiconductor FDPC8016S Datasheet HTML 3Page - ON Semiconductor FDPC8016S Datasheet HTML 4Page - ON Semiconductor FDPC8016S Datasheet HTML 5Page - ON Semiconductor FDPC8016S Datasheet HTML 6Page - ON Semiconductor FDPC8016S Datasheet HTML 7Page - ON Semiconductor FDPC8016S Datasheet HTML 8Page - ON Semiconductor FDPC8016S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDPC8016S
www.onsemi.com
2
PINOUT DESCRIPTION
Pin
Name
Description
Pin
Name
Description
Pin
Name
Description
1
HSG
High Side Gate
3. 4, 10
V+(HSD)
High Side Drain
8
LSG
Low Side Gate
2
GR
Gate Return
5, 6, 7
SW
Switching Node,
Low Side Drain
9
GND(LSS)
Low Side Source
MOSFET MAXIMUM RATINGS (TA = 25°C, Unless otherwise specified)
Symbol
Parameter
Q1
Q2
Unit
VDS
Drain to Source Voltage
25 (Note 5)
25 (Note 5)
V
VGS
Gate to Source Voltage
±12
±12
V
ID
Drain Current
Continuous (TC = 25°C)
Continuous (TA = 25°C)
Pulsed (TA = 25°C) (Note 4)
60
20 (Note 1a)
75
100
35 (Note 1b)
140
A
EAS
Single Pulsed Avalanche Energy (Note 3)
73
216
mJ
PD
Power Dissipation for Single Operation
(TC = 25°C)
(TA = 25°C)
21
2.1 (Note 1a)
42
2.3 (Note 1b)
W
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Q1
Q2
Unit
RqJC
Thermal Resistance, Junction to Case
6.0
3.0
_C/W
RqJA
Thermal Resistance, Junction to Ambient
60 (Note 1a)
55 (Note 1b)
_C/W
RqJA
Thermal Resistance, Junction to Ambient
130 (Note 1c)
120 (Note 1d)
_C/W
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
05OD/15OD
FDPC8016S
Power Clip 56
13″
12 mm
3,000 Units
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Unit
OFF CHARACTERISTICS
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
ID = 1 mA, VGS = 0 V
Q1
Q2
25
25
−
−
−
−
V
DBVDSS/DTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25°C
ID = 10 mA, referenced to 25°C
Q1
Q2
−
−
24
28
−
−
mV/_C
IDSS
Zero Gate Voltage Drain Current
VDS = 20 V, VGS = 0 V
VDS = 20 V, VGS = 0 V
Q1
Q2
−
−
−
−
1
500
mA
IGSS
Gate to Source Leakage Current,
Forward
VGS = 12 V / −8 V, VDS= 0 V
VGS = 12 V / −8 V, VDS= 0 V
Q1
Q2
−
−
−
−
±100
±100
nA
nA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
VGS = VDS, ID = 1 mA
Q1
Q2
0.8
1.0
1.3
1.5
2.5
2.5
V
DVGS(th)/DTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25°C
ID = 10 mA, referenced to 25°C
Q1
Q2
−
−
−4
−3
−
−
mV/_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com