Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5132 Datasheet(PDF) 14 Page - ams AG

Part # AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 14 Page - ams AG

Back Button AS5132 Datasheet HTML 10Page - ams AG AS5132 Datasheet HTML 11Page - ams AG AS5132 Datasheet HTML 12Page - ams AG AS5132 Datasheet HTML 13Page - ams AG AS5132 Datasheet HTML 14Page - ams AG AS5132 Datasheet HTML 15Page - ams AG AS5132 Datasheet HTML 16Page - ams AG AS5132 Datasheet HTML 17Page - ams AG AS5132 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Page 14
ams Datasheet
Document Feedback
[v2-06] 2016-Jan-26
AS5132 − Detailed Description
GEN RST: A HI generates a reset of the AS5132. GEN RST must
be set to LO after reset.
Hyst_Dis: Hysteresis disable.
PRE_COM_DYN <5:0>: Absolute dynamic pre-commutation
value. Depending on the setup of the pole pairs, a mechanical
angle offset can be adjusted. The range is 0 to 63 mechanical
degrees (LSBs).
MT-COUNTER <8:0>: The multiturn counter can be set or read
over the interface.
EN PROG: This command with the data content enables the
access to the OTP register in extended mode. OTP Programming
mode is only possible in extended mode with special
connection Figure 24 on page 18.
EZ ERR: Indicates a wrong operation of the OTP memory after
programming at room temperature.This bit is not intended for
OTP diagnostic in the application over life time. This bit lose
also validity over a time.
ANGLE <8:0>: Absolute angle information with angular true
resolution (360 steps).
LOCK ADC: Indicates a locked ADC. An angle value is only valid
in case of a locked ADC. During sleep mode is the LOCK ADC bit
LO.
AGC <5:1>: Automatic gain control value indicates the
magnetic field strength.
P: Parity information of the 15 data bits. Odd parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com