Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5132 Datasheet(PDF) 21 Page - ams AG

Part # AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 21 Page - ams AG

Back Button AS5132 Datasheet HTML 17Page - ams AG AS5132 Datasheet HTML 18Page - ams AG AS5132 Datasheet HTML 19Page - ams AG AS5132 Datasheet HTML 20Page - ams AG AS5132 Datasheet HTML 21Page - ams AG AS5132 Datasheet HTML 22Page - ams AG AS5132 Datasheet HTML 23Page - ams AG AS5132 Datasheet HTML 24Page - ams AG AS5132 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ams Datasheet
Page 21
[v2-06] 2016-Jan-26
Document Feedback
AS5132 − Detailed Description
Pulse Width Modulation (PWM) Output
The AS5132 provides a pulse width modulated output (PWM),
whose duty cycle is proportional to the absolute angle position.
Figure 29 shows the output format. In case of an internal error
the high pulse contains 12 steps. An error can be easily
identified by the external microcontroller. The zero degree
angle position is build with 16 steps (12 + 4) high and 359 steps
low followed by 8 exit steps.
Figure 27:
PWM Output
PWM External Clock
The PWM period depends on the setting of the OTP bit Ext. CLK
EN. By default the internal clock source is used as a reference.
An external clock can be connected to the pin COM/INC.
In case Ext. CLK EN is set, the output-mode which is
determined by the states of {COM/INC, Test3, Test2, Test1, Test0}
Figure 31 on page 23 during start-up is overwritten and U,V,W
commutation mode signals are activated.
After internal power on reset (POR_en), the OTP is read out.
When the Ext. CLK EN is programmed successfully, the COM/INC
pin is used as external clock for the PWM block. After 4 clock
cycles of Ext. CLK EN, the reset of TADC (TADC_rst) and the PWM
block is released.
*PWM output pin is connected internally to the VDDP voltage domain. VDD and VDDP can be separately
connected
** Recommended pull-up (typ. 10kOhm). Floating state of a digital input in an application is not allowed
***Depending on the use case:
- Application use case (connection to VDD or leave unconnected. Capacitive load during operation and
startup not allowed)
- Programming use case (see Figure 24)
VDD
Micro-
Controller
VSS
VSS
AS5132
Typ. 10kOhm**
CSN
VDDP* VDD
CLK
VSS
+5V
VDD
100nF
Input
PWM
PROG***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com