Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5132 Datasheet(PDF) 29 Page - ams AG

Part # AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 29 Page - ams AG

Back Button AS5132 Datasheet HTML 25Page - ams AG AS5132 Datasheet HTML 26Page - ams AG AS5132 Datasheet HTML 27Page - ams AG AS5132 Datasheet HTML 28Page - ams AG AS5132 Datasheet HTML 29Page - ams AG AS5132 Datasheet HTML 30Page - ams AG AS5132 Datasheet HTML 31Page - ams AG AS5132 Datasheet HTML 32Page - ams AG AS5132 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ams Datasheet
Page 29
[v2-06] 2016-Jan-26
Document Feedback
AS5132 − Detailed Description
Hysteresis of the Incremental Outputs
A hysteresis is implemented to get a stable output value at the
SSI command and to reduce jitter at the PWM and UVW outputs.
At start up the hysteresis counter is at 0, the range is ±1 LSB.
The hysteresis can be deactivated by setting OTP bit Hyst_dis.
Figure 38:
Hysteresis of the Outputs
Multi Turn Counter
A 9-bit register is used for counting the magnet’s revolutions.
With each zero transition in any direction, the output of a
special counter is incremented or decremented. The initial
value after reset is 0 LSB. Clockwise rotation gives increasing
angle values and positive turn count. Counter clockwise
rotation exhibits decreasing angle values and a negative turn
count respectively.
The counter output can be reset by using command 20 – SET
MT Counter. It is immediately reset by the rising clock edge of
this bit. Any zero crossing between the clock edge and the next
counter readout changes the counter value.
High Speed Operation
The AS5132 is using a fast tracking ADC (TADC) to determine
the angle of the magnet. The TADC is tracking the angle of the
magnet with cycle time of 2μs (typ. 1.4). Once the TADC is
synchronized with the angle, it sets the LOCK bit in the status
register. Once it is locked, it requires only one cycle
[2μs (typ. 1.4)] to track the moving magnet. The AS5132 can
operate in locked mode at rotational speeds up to max.
72,900 rpm.
Effect of Hysteresis
CW rotation
CCW rotation
0
Magnet Position
Angle Output
123456
0
1
2
3
4
5
aN
aN
-1
0
1
Hysteresis counter startup value
Counter Range: 3 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com