Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5132 Datasheet(PDF) 19 Page - ams AG

Part # AS5132
Description  360 Step (8.5 bit) Programmable High Speed Magnetic Position Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5132 Datasheet(HTML) 19 Page - ams AG

Back Button AS5132 Datasheet HTML 15Page - ams AG AS5132 Datasheet HTML 16Page - ams AG AS5132 Datasheet HTML 17Page - ams AG AS5132 Datasheet HTML 18Page - ams AG AS5132 Datasheet HTML 19Page - ams AG AS5132 Datasheet HTML 20Page - ams AG AS5132 Datasheet HTML 21Page - ams AG AS5132 Datasheet HTML 22Page - ams AG AS5132 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
ams Datasheet
Page 19
[v2-06] 2016-Jan-26
Document Feedback
AS5132 − Detailed Description
Programming Verification
The verification of the OTP programming is mandatory using
following methods:
Digital Verification: Checking the EZ ERR bit (0 = OK, 1 = error)
• Restricted to temperature range: 25 °C ± 20 °C
• Right after the programming (max. 1 hour with same
conditions 25°C ± 20 °C)
Figure 25 shows the correct digital verification flow. The EZ_ERR
bit is valid only after a power on reset. This bit becomes invalid
after a OTP write or read access.
Figure 25:
Programming & Digital Verification Flow
Start
Write OTP
Read OTP
Prog OTP
POR
RD MT Counter
EZ_ERR
END
correct
programmed
Verify Write and
Read content
not correct
Configuration of the
customer seetings in the OTP
Verification between writing
content and reading content
( in customer area only)
Power on reset to load the
content into the RAM
RD_ANGLE
EN_PROG
correct
Verify
END
wrong
programmed
Programming of the OTP
diodes
Power down and power up
Read verification flag
Verification of flag EZ_ERR
Read OTP
EN_PROG
Verify Write and
Read content
END
wrong
programmed
Verification programmed
content
not correct
correct
correct
not correct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com