Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045-ASST Datasheet(PDF) 28 Page - ams AG

Part # AS5045-ASST
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST Datasheet(HTML) 28 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 24Page - ams AG AS5045-ASST Datasheet HTML 25Page - ams AG AS5045-ASST Datasheet HTML 26Page - ams AG AS5045-ASST Datasheet HTML 27Page - ams AG AS5045-ASST Datasheet HTML 28Page - ams AG AS5045-ASST Datasheet HTML 29Page - ams AG AS5045-ASST Datasheet HTML 30Page - ams AG AS5045-ASST Datasheet HTML 31Page - ams AG AS5045-ASST Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Page 28
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
3.3V / 5V Operation
The AS5045 operates either at 3.3V ±10% or at 5V ±10%. This is
made possible by an internal 3.3V Low-Dropout (LDO) Voltage
regulator. The internal supply voltage is always taken from the
output of the LDO, meaning that the internal blocks are always
operating at 3.3V.
For 3.3V operation, the LDO must be bypassed by connecting
VDD3V3 with VDD5V (see Figure 29).
For 5V operation, the 5V supply is connected to pin VDD5V,
while VDD3V3 (LDO output) must be buffered by a 2.2...10μF
capacitor, which is supposed to be placed close to the supply
pin (see Figure 29).
The VDD3V3 output is intended for internal use only It must not
be loaded with an external load (see Figure 29).
Figure 29:
Connections for 5V / 3.3V Supply Voltages
A buffer capacitor of 100nF is recommended in both cases close
to pin VDD5V. Note that pin VDD3V3 must always be buffered
by a capacitor. It must not be left floating, as this may cause an
instable internal 3.3V supply voltage which may lead to larger
than normal jitter of the measured angle.
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
100n
4.5 - 5.5V
+
2.2... 10µF
DO
PWM
CLK
CSn
PROG
Internal
VDD
LDO
I
N
T
E
R
F
A
C
E
VSS
VDD5V
VDD3V3
3.0 - 3.6V
+
DO
PWM
CLK
CSn
PROG
100n
5V Operation
3.3V Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com