Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045-ASST Datasheet(PDF) 46 Page - ams AG

Part # AS5045-ASST
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST Datasheet(HTML) 46 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 39Page - ams AG AS5045-ASST Datasheet HTML 40Page - ams AG AS5045-ASST Datasheet HTML 41Page - ams AG AS5045-ASST Datasheet HTML 42Page - ams AG AS5045-ASST Datasheet HTML 43Page - ams AG AS5045-ASST Datasheet HTML 44Page - ams AG AS5045-ASST Datasheet HTML 45Page - ams AG AS5045-ASST Datasheet HTML 46Page - ams AG AS5045-ASST Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Page 46
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Content Guide
1
General Description
1
Key Benefits & Features
2
Applications
2
Block Diagram
3
Pin Assignment
3
Pin Description
5Absolute Maximum Ratings
6
Electrical Characteristics
8
Magnetic Input Specification
8
Electrical System Specifications
11
Timing Characteristics
13
Detailed Description
14
Mode Input Pin
14
Synchronous Serial Interface (SSI)
15
Data Content
16
Z-axis Range Indication (Push Button Feature, Red/Yel-
low/Green Indicator)
18
Daisy Chain Mode
19
Pulse Width Modulation (PWM) Output
19
Changing the PWM Frequency
20
Analog Output
21
Programming the AS5045
22
Zero Position Programming
22
Repeated OTP Programming
23
Non-Permanent Programming
24
Analog Readback Mode
26
Alignment Mode
27
3.3V / 5V Operation
28
Choosing the Proper Magnet
29
Physical Placement of the Magnet
30
Failure Diagnostics
30
Magnetic Field Strength Diagnosis
30
Power Supply Failure Detection
31
Angular Output Tolerances
31
Accuracy
32
Transition Noise
33
High Speed Operation
33
Propagation Delays
34
Internal Timing Tolerance
34
Temperature
35
Accuracy over Temperature:
35
Differences between AS5045 and AS5040
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com