Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045-ASST Datasheet(PDF) 36 Page - ams AG

Part # AS5045-ASST
Description  12-Bit Programmable Magnetic Rotary Position Sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045-ASST Datasheet(HTML) 36 Page - ams AG

Back Button AS5045-ASST Datasheet HTML 32Page - ams AG AS5045-ASST Datasheet HTML 33Page - ams AG AS5045-ASST Datasheet HTML 34Page - ams AG AS5045-ASST Datasheet HTML 35Page - ams AG AS5045-ASST Datasheet HTML 36Page - ams AG AS5045-ASST Datasheet HTML 37Page - ams AG AS5045-ASST Datasheet HTML 38Page - ams AG AS5045-ASST Datasheet HTML 39Page - ams AG AS5045-ASST Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Page 36
ams Datasheet
Document Feedback
[v2-01] 2017-Jul-13
AS5045 − Detailed Description
The AS5045 can compensate for this temperature related field
strength change automatically, no user adjustment is required.
Accuracy over Temperature :
The influence of temperature in the absolute accuracy is very
low. While the accuracy is
≤ ±0.5° at room temperature, it may
increase to
≤±0.9° due to increasing noise at high temperatures.
Timing Tolerance over Temperature: The internal RC oscillator
is factory trimmed to
±5%. Over temperature, this tolerance
may increase to
±10%. Generally, the timing tolerance has no
influence in the accuracy or resolution of the system, as it is
used mainly for internal clock generation. The only concern to
the user is the width of the PWM output pulse, which relates
directly to the timing tolerance of the internal oscillator. This
influence however can be cancelled by measuring the complete
PWM duty cycle instead of just the PWM pulse.
Differences Between AS5045 and AS5040
All parameters are similar for AS5045 and AS5040, except for
the parameters given below:
Figure 34:
Differences Between AS5045 and AS5040
Building Block
AS5045
AS5040
Resolution
12bits, 0.088°/step
10bit, 0.35°/step
Data length
Read: 18bits
(12bits data + 6 bits status)
OTP write: 18 bits
(12bits zero position + 6 bits mode
selection)
Read: 16bits
(10bits data + 6 bits status)
OTP write: 16 bits
(10bits zero position + 6 bits mode
selection)
Incremental signals
Not used
Pin 3: not used
Pin 4: not used
Quadrature, step/direction and BLDC
motor commutation modes
Pin 3: incremental output A_LSB_U
Pin 4: incremental output B_DIR_V
Pins 1 and 2
MagINCn, MagDECn: same feature as
AS5040, additional OTP option for
red-yellow-green magnetic range
MagINCn, MagDECn indicate in-range or
out-of-range magnetic field plus
movement of magnet in z-axis
Pin 6
MODE pin, switch between fast and slow
mode
Pin 6: Index output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com