Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050A Datasheet(PDF) 13 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 13 Page - ams AG

Back Button AS5050A Datasheet HTML 9Page - ams AG AS5050A Datasheet HTML 10Page - ams AG AS5050A Datasheet HTML 11Page - ams AG AS5050A Datasheet HTML 12Page - ams AG AS5050A Datasheet HTML 13Page - ams AG AS5050A Datasheet HTML 14Page - ams AG AS5050A Datasheet HTML 15Page - ams AG AS5050A Datasheet HTML 16Page - ams AG AS5050A Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ams Datasheet
Page 13
[v2-06] 2014-Oct-14
Document Feedback
AS5050A − SPI Interface
Figure 13:
SPI Timing
Note(s) and/or Footnote(s):
1. If the previous command was a READ ANGLE command (0x3FFF) a minimum time of readout has to be waited before sending a next
READ ANGLE command. (see “Operating Modes” on page 10)
SPI Wire Mode Selection
The SPI interface can be set in two different modes: 3-wire mode
or 4-wire mode.
Figure 14:
Wire Mode Selection
Parameter
Description
Min
Max
Unit
tL
Time between CSn falling edge and CLK rising edge
50
ns
tclk
Serial clock period
100
ns
tclkL
Low period of serial clock
50
ns
tclkH
High period of serial clock
50
ns
tH
Time between last falling edge of CLK and rising edge
of CSn
50
ns
tCSn
High time of CSn between two transmissions (1)
50
ns
tMOSI
Data input valid to falling clock edge
20
ns
tMISO
CLK edge to data output valid
35
ns
tOZ
Release bus time after CS rising edge.
50
ns
WM (Pin 14)
Connection option
03-wire mode
14-wire-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com