Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050A Datasheet(PDF) 5 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 5 Page - ams AG

  AS5050A Datasheet HTML 1Page - ams AG AS5050A Datasheet HTML 2Page - ams AG AS5050A Datasheet HTML 3Page - ams AG AS5050A Datasheet HTML 4Page - ams AG AS5050A Datasheet HTML 5Page - ams AG AS5050A Datasheet HTML 6Page - ams AG AS5050A Datasheet HTML 7Page - ams AG AS5050A Datasheet HTML 8Page - ams AG AS5050A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ams Datasheet
Page 5
[v2-06] 2014-Oct-14
Document Feedback
AS5050A − Absolute Maximum Ratings
Stresses beyond those listed in “Absolute Maximum Ratings” on
page 5 may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in
“Electrical Characteristics” on page 6 is not implied. Exposure
to absolute maximum rating conditions for periods may affect
device reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
DC supply voltage
-0.3
5.0
V
VDDp
Peripheral supply voltage
-0.3
VDD+0.3
V
VIN
Input pin voltage
-0.3
5.0
V
Iscr
Input current (latchup
immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic Discharge
ESD
Electrostatic discharge
±1
-
kV
Norm: MIL-STD-883 E method
3015
Continuous Power Dissipation
ΘJA
Package thermal resistance
-
33.5
°C/W
Velocity=0, Multi Layer PCB;
JEDEC Standard Testboard
Pt
Total power dissipation
36
mW
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
125
°C
TBODY
Package body temperature
260
°C
The reflow peak soldering
temperature (body temperature)
specified is in accordance with
IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity
Classification for Non-Hermetic
Solid State Surface Mount
Devices”.
The lead finish for Pb-free leaded
packages is matte tin (100% Sn).
Humidity non-condensing
5
85
%
MSL
Moisture Sensitive Level
3
Represents a maximum floor life
time of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com