Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050A Datasheet(PDF) 4 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 4 Page - ams AG

  AS5050A Datasheet HTML 1Page - ams AG AS5050A Datasheet HTML 2Page - ams AG AS5050A Datasheet HTML 3Page - ams AG AS5050A Datasheet HTML 4Page - ams AG AS5050A Datasheet HTML 5Page - ams AG AS5050A Datasheet HTML 6Page - ams AG AS5050A Datasheet HTML 7Page - ams AG AS5050A Datasheet HTML 8Page - ams AG AS5050A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Page 4
ams Datasheet
Document Feedback
[v2-06] 2014-Oct-14
AS5050A − Pin Assignment
11
VDDp
Supply
Peripheral power supply, 1.8V to VDD
12
VDD
Analog and digital power supply, 3.0V to
3.6V
13
VSS
Ground
14
WM
Digital I/O
Low: 3-wire mode
High: 4-wire mode
15
INT/
Digital output, tri-state buffer
Interrupt output. Active LOW, when
conversion is finished
16
NC
-
Leave unconnected
Epad
-
-
Exposed pad, leave unconnected
Pin Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com