Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5050A Datasheet(PDF) 24 Page - ams AG

Part # AS5050A
Description  Low Power 10-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050A Datasheet(HTML) 24 Page - ams AG

Back Button AS5050A Datasheet HTML 20Page - ams AG AS5050A Datasheet HTML 21Page - ams AG AS5050A Datasheet HTML 22Page - ams AG AS5050A Datasheet HTML 23Page - ams AG AS5050A Datasheet HTML 24Page - ams AG AS5050A Datasheet HTML 25Page - ams AG AS5050A Datasheet HTML 26Page - ams AG AS5050A Datasheet HTML 27Page - ams AG AS5050A Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Page 24
ams Datasheet
Document Feedback
[v2-06] 2014-Oct-14
AS5050A − Pack age Drawings & Mark ings
The device is available in a 16-pin QFN (4x4x0.9 mm) package.
The axis of the magnet must be aligned over the center of the
package.
Figure 33:
Package FN – Dual Flat No-Lead Packaging Configuration
Note(s) and/or Footnote(s):
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25mm and 0.30mm from terminal tip. Dimension L1
represents terminal full back from package edge up to 0.15mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
6. N is the total number of terminals.
Package Drawings & Markings
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20 REF
L
0.35
0.40
0.45
L1
0
-
0.15
b
0.25
0.30
0.35
D4.00 BSC
E4.00 BSC
e0.65 BSC
D2
2.60
2.70
2.80
E2
2.60
2.70
2.80
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N16
AS5050A @
YYWWXZZ
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com