Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6500QL Datasheet(PDF) 8 Page - 3M Electronics

Part # 6500QL
Description  Rugged Comfort Quick Latch Half Facepiece Reusable Respirator 6500QL Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6500QL Datasheet(HTML) 8 Page - 3M Electronics

Back Button 6500QL Datasheet HTML 4Page - 3M Electronics 6500QL Datasheet HTML 5Page - 3M Electronics 6500QL Datasheet HTML 6Page - 3M Electronics 6500QL Datasheet HTML 7Page - 3M Electronics 6500QL Datasheet HTML 8Page - 3M Electronics 6500QL Datasheet HTML 9Page - 3M Electronics 6500QL Datasheet HTML 10Page - 3M Electronics 6500QL Datasheet HTML 11Page - 3M Electronics 6500QL Datasheet HTML 12Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
(English)
7
INSPECTION, CLEANING, AND STORAGE
W
WARNING
Failure to follow these instructions may reduce respirator performance, expose you to contaminants above the OEL, and
may result in
sickness or death.
• Do not clean respirator with solvents. Cleaning with solvents may degrade some respirator components and reduce respirator
effectiveness.
• Inspect all respirator components before each use to ensure proper operating condition.
Inspection Procedure
This respirator must be inspected before each use and at the time of cleaning to ensure it is in good operating condition. Any damaged or defective parts
must be replaced before use. Do not enter a contaminated area with damaged or defective parts. The following inspection procedure is recommended.
1. Check facepiece for cracks, tears and dirt. Be certain facepiece, especially faceseal area, is not distorted.
2. Examine inhalation valves for signs of distortion, cracking or tearing.
3. Make sure straps are intact and have good elasticity.
4. Examine all plastic parts for signs of cracking or fatiguing. Ensure bayonet gaskets are in good condition.
5. Remove exhalation valve cover (see “Head Harness Assembly & Valve Cover Replacement” procedure) and examine exhalation valve and valve
seat for signs of dirt, distortion, cracking or tearing. Replace exhalation valve cover.
Cleaning and Storage
Cleaning is recommended after each use.
1. Remove cartridges, filters and/or breathing tubes. The exhalation valve cover, exhalation valve and inhalation valves can also be disassembled if
necessary.
2. Clean facepiece (excluding filters and cartridges), by immersing in warm cleaning solution, water temperature not to exceed 120°F (49°C), and
scrub with soft brush until clean. Add neutral detergent if necessary. Do not use cleaners containing lanolin or other oils.
3. Disinfect facepiece by soaking in a solution of quaternary ammonia disinfectant or sodium hypochloride (1oz. [30 mL] household bleach in 2
gallons [7.5 L] of water), or other disinfectant.
4. Rinse in fresh, warm water and air dry in non-contaminated atmosphere.
5. Respirator components must be inspected prior to each use. A respirator with any damaged or deteriorated components should be repaired or
discarded.
6. The cleaned respirator should be stored away from contaminated areas when not in use.
Specifications
Contact 3M Technical Service for technical specifications (e.g. weight, materials of construction, etc). This product contains no components made
from natural rubber latex.
Cartridge and Filter Selection and Approvals
Before using any of these products, the user must read the specific Use For, Use Limitations and Warning information in the cartridge or filter
User Instructions and product documentation or call 3M Technical Service. Do not exceed maximum use concentrations established by local
regulatory agencies.
NIOSH Approvals
3M™ Cartridges, 6000 Series
Certain Organic Vapors
X X
X
X X X X X
X
X X X X
Chlorine
X X
X X
X X
X X X
Hydrogen Chloride
X X
X
X X
X
X
Sulfur Dioxide
X X
X X
X X
X X X
Chlorine Dioxide
X
X
X
X
Hydrogen Sulfide
X X
X X
X X
X X X
Hydrogen Fluoride
X
X
X
X
X
Formaldehyde
X X
X X
Ammonia
X
X
X
X
Methylamine
X
X
X
X
Mercury Vapor
X
X
Particulate Filter P100
X X X X X X X X X
* 3M Recommended for use against methylbromide or radioiodine up to 5ppm with daily cartridge replacement.
NOTE: Not NIOSH approved for use against methylbromide or radioiodine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com