Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP4BKUHD Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VMP4BKUHD
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMP4BKUHD Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VMP4BKUHD Datasheet HTML 17Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 18Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 19Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 20Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 21Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 22Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 23Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 24Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
PATCHBAYS
20
Features and Benefits
• Attractive, corrosion-resistant,
nickel-plated jacks
• Steel frame jacks for superior
jack life
• Extra wide labeling strips provide
maximum space and two vertical
strips, one at each side
• Rugged, attractive black anodized
aluminum face will not break
• Two configurations available:
- Normals brought out
- Normaled at jacks
• Gold switching contacts for
long-term reliability
• Jacks paired for easy identification
of left and right channels
• Connectorized by EDAC®
connectors for ease of termination
by customer
Specifications
Materials
Jacks
Frame: Nickel-plated steel
Bushing: Nickel-plated brass
Tip, Ring and Shunt Springs: Nickel
silver with welded contacts
Assembly Screws: Zinc-plated
steel
Welded Contacts: Gold alloy
Panel
Front Channel: Black anodized
aluminum
Frame & Cover: C.R.S. black
epoxy painted
Designation Strips: Black polycar-
bonate 94V-0
Designation Strip Covers: Clear
polycarbonate
Jack Inserts: Polyester
EDAC Connector
Housing: Thermoplastic, UL94V-0
Contacts: Gold plated phosphor
bronze
Mechanical
Life: 30,000 cycles
Insertion Force: 7 lbs. maximum
Withdrawal Force: 1 lb. minimum
Operating: -20˚C to +65˚C
TT96 EDAC Series
Ordering Information
Part Number Type of Jack
No. of Jacks
Description
TT96EDACNO
TT
96
Normals Brought Out (120 pin EDAC)
TT96EDACNS
TT
96
Normals Strapped (90 pin EDAC)
The TT96EDAC Series offers the convenience of EDAC
® connectors on the back of
the panel for easy installation. Available in normals strapped and normals
brought out, both wired to the SAC code of wiring. We also offer custom wiring
configurations. Contact the factory for details.
Electrical
Contact Resistance: 30 milliohms
maximum initial
Insulation Resistance:
10,000 megohms
Dielectric Withstanding Voltage:
500VAC at 60 Hz
Working Voltage: 140VDC
Current Rating: 100 milliamps
EDAC Mating Plugs
Part Number
Description
516-090-000-301
90 Pin male w/ screw
516-090-000-302
90 Pin male w/ nut
516-120-000-101
120 Pin male w/ screw
516-120-000-102
120 Pin male w/ nut
516-290-500
Terminal solder-style
516-290-590
Terminal crimp-style
TT96EDACNS
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com