Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP4BKUHD Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # VMP4BKUHD
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMP4BKUHD Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button VMP4BKUHD Datasheet HTML 27Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 28Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 29Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 30Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 31Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 32Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 33Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 34Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 101 page
background image
PATCHBAYS
30
Features and Benefits
• Available in 1RU or 2RU versions
• Available with or without connectors
• HPC Series connectors are
compatible with Neutrik Speakon®
connectors
• Cable tie bar takes weight of the
cables off the terminations
• Rugged aluminum channel
• Silk-screen designation area makes
it easy to re-label channels
Panel Materials
Housing: Thermoplastic UL
94V-0 rated
Contacts: Silver-plated over
copper alloy
Frame: Aluminum, black anodized
Cable Tie Bar: Steel, black epoxy
HP Connector Specifications
Mechanical
Shock: Per Mil-Std 202,
Method 213B, Cond. K
Vibration: Mil-Std 202,
Method 201A
Life: 1,000 rotational cycles
Cable Range (cord mount): 10AWG,
0.560" cable OD maximum
Electrical
Voltage Rating: 1,500 AC RMS,
per Mil-Std 202, Method 301
Current Rating (Faston® terminals):
50A RMS w/10AWG wire,
normal ambient, per UL 1977
Current Rating (PC terminals):
30A per UL 1977
Contact Resistance: 1m , 1.5m
after 1,000 insertion/withdrawals
Insulation Resistance: .2T
Environmental
Salt Spray: Mil-Std 202, Method
101D, Cond.B
Thermal Shock: Mil-Std 202,
Method 107G
Temperature Limits: -55˚C to +85˚C
Moisture Resistance: Mil-Std 202,
Method 106E
Life @ Ambient Temperature:
Mil-Std 202, Method 108A
Touchproof: IEC 65 and 1010-1
IP Rating: IEC 529, IP 25
HPC Patchbay Series
HPCPK324F
Ordering Information
Part Number
Height
Description
HPCPK112F
1.75"
12 connectors, 0.250" Fastons
HPCPK112F1
1.75"
12 connectors, 0.187" Fastons
HPCPK1B
1.75"
Blank panel
HPCPK324F
3.50"
24 connectors, 0.250" Fastons
HPCPK324F1
3.50"
24 connectors, 0.187" Fastons
HPCPK3B
3.50"
Blank panel
The HPC Patchbay features a 19" rack unit loaded with HPC Series connectors.
Available with either 0.250" Faston
® terminals or 0.187" Faston® terminals. One
rack unit height versions come with 12 HPC connectors, two rack unit height
versions come with 24 HPC connectors. All versions have a rugged cable tie bar,
which takes the weight of the cabling away from the connections.
Materials
Housings: Thermoplastic
UL 94V-0 rated
Seal Rings: Thermoplastic rubber
Contacts: Silver-plated over
copper alloy
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com