Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP4BKUHD Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # VMP4BKUHD
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMP4BKUHD Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button VMP4BKUHD Datasheet HTML 42Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 43Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 44Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 45Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 46Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 47Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 48Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 49Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
45
w
w
w
.
s
w
i
t
c
h
c
r
a
f
t
.
c
o
m
5555 North Elston Avenue / Chicago, IL 60630
Phone: 773-792-2700 / Fax: 773-792-2129
Ordering Information
Part Number Type
Plug Finger
Description
Audio Patchcords
18QD18
1/4" Mil-Type
Brass
2 foot, black nylon jacket
18QF18
1/4" Mil-Type
Brass
3 foot, black nylon jacket
18QH18
1/4" Mil-Type
Brass
4 foot, black nylon jacket
20QD20N*
1/4" Mil-Type
Nickel
2 foot, nylon jacket
20QF20N*
1/4" Mil-Type
Nickel
3 foot, nylon jacket
20QH20N*
1/4" Mil-Type
Nickel
4 foot, nylon jacket
When ordering, add the following for cable color: 0-Black, 2-Red,
5-Green, 6-Blue
TT122
TT or Bantam
Brass
1 foot, molded gray jacket
TT124
TT or Bantam
Brass
2 foot, molded gray jacket
TT126
TT or Bantam
Brass
3 foot, molded gray jacket
TT127
TT or Bantam
Brass
4 foot, molded gray jacket
TT128
TT or Bantam
Brass
5 foot, molded gray jacket
AES/EBU 110 Ohm Digital Single Plug Patchcords
TT1*
TT or Bantam
Nickel
1 foot, molded
TT2*
TT or Bantam
Nickel
2 foot, molded
TT3*
TT or Bantam
Nickel
3 foot, molded
TT4*
TT or Bantam
Nickel
4 foot, molded
TT5*
TT or Bantam
Nickel
5 foot, molded
TT6*
TT or Bantam
Nickel
6 foot, molded
TT7*
TT or Bantam
Nickel
7 foot, molded
TT8*
TT or Bantam
Nickel
8 foot, molded
TT9*
TT or Bantam
Nickel
9 foot, molded
TT10*
TT or Bantam
Nickel
10 foot, molded
AES/EBU 110 Ohm Digital, or RS422 Dual Plug Patchcords
TTD1*
TT or Bantam
Nickel
1 foot, molded
TTD2*
TT or Bantam
Nickel
2 foot, molded
TTD3*
TT or Bantam
Nickel
3 foot, molded
TTD4*
TT or Bantam
Nickel
4 foot, molded
TTD5*
TT or Bantam
Nickel
5 foot, molded
TTD6*
TT or Bantam
Nickel
6 foot, molded
TTD7*
TT or Bantam
Nickel
7 foot, molded
TTD8*
TT or Bantam
Nickel
8 foot, molded
TTD9*
TT or Bantam
Nickel
8 foot, molded
TTD10*
TT or Bantam
Nickel
10 foot, molded
When ordering, add the following for cable color: BK-Black, BL-Blue, R-Red,
O-Orange, Y-Yellow, GN-Green, P-Purple, GY-Gray
Audio and Video Patchcords
PATCHCORDS/MOLDED CABLES
Ordering Information
Part No.
Description
Molded MIDI Cables
MD3
3 foot, 5 pin DIN, molded black
MD6
6 foot, 5 pin DIN, molded black
MD10
10 foot, 5 pin DIN, molded black
MD15
15 foot, 5 pin DIN, molded black
Uses 4 cond., 24 awg, PVC outer jacket,
braided shielded cable
1/4" Cables
05AD05
2 foot, mono, male to male
05AK05
6 foot, mono, male to male
05AN05
10 foot, mono, male to male
05AU05
25 foot, mono, male to male
05AN15
10 foot, mono, male to RA male
05AN80
10 foot, mono, male to female
05AU80
25 foot, mono, male to female
10BF10
3 foot, stereo, male to male
10BK10
6 foot, stereo, male to male
10BN10
10 foot, stereo, male to male
15AK15
6 foot, mono, RA male to RA male
RCA
25AF25
3 foot, male to male
25AK25
6 foot, male to male
25AN25
10 foot, male to male
25AK82
6 foot, male to female
30AK30
6 foot, RA male to RA male
30AN30
10 foot, RA male to RA male
30AR30
15 foot, RA male to RA male
1/4" to RCA
05AK25
6 foot, 1/4" male to RCA male
05AN25
10 foot, 1/4" male to RCA male
Uses either single or 2 cond, 22awg,
PVC outer jacket, braided shielded cable
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com