Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMP4BKUHD Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # VMP4BKUHD
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMP4BKUHD Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button VMP4BKUHD Datasheet HTML 37Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 38Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 39Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 40Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 41Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 42Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 43Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 44Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
PATCHBAYS
40 VAP Video/Audio Patchbay Series
Features and Benefits
• Combines 13 video jacks and
26 long-frame audio jacks into
one patchbay
• Available with either HD Series
or SD Series video jacks
• All audio jacks are nickel-plated
with steel frames and gold-plated
switching contacts
• Audio modules consist of 4
YMT334BN jacks, video modules
consist of 2 dual video jacks
Video Jack Specifications
Electrical
Rated Bandwidth: 2.4 GHz (HD),
1.75 GHz (SD)
Characteristic Impedance: 75 ohms
Return Loss: Better than –15 dB
Insertion Loss: Better than –.5 dB
Contact Resistance: Less than 20
milliohms
Termination Resistance: 75 W, ±1%
Center Conductor: Accepts .090
pin diameter
Mechanical
Mechanical Shock: Per MIL-STD-
202, Method 213, Test condition I
Vibration: Per MIL-STD-202,
Method 201
Life Cycle: 30,000
Materials
Housing: Zinc alloy, nickel plated
Center Contacts: Copper alloy,
gold plated
Switching Springs: Copper alloy,
gold plated
Grounding Contacts:
HD Series - Copper alloy,
gold plated
SD Series - Copper alloy,
nickel plated
Insulators: Thermoplastic,
UL 94V-0 rated
Environmental
Operating Temperature: – 40°C to
65°C
Storage Temperature: – 55°C to
85°C
Thermal Shock: Per MIL-STD-202,
Method 107
Moisture and Humidity: Per
MIL-STD-202, Method 106
Ordering Information
Part Number
Type of Jack
Height
Description
VAPK1HD*75T
HD
1.75"
Terminated
VAPK1HD*NT
HD
1.75"
Non-terminated
VAPK1SD*75T
SD
1.75"
Terminated
VAPK1SD*NT
SD
1.75"
Non-terminated
VAPK3HD*75T
HD
3.5"
Terminated
VAPK3HD*NT
HD
3.5"
Non-terminated
VAPK3SD*75T
SD
3.5"
Terminated
VAPK3SD*NT
SD
3.5"
Non-terminated
Modules
VMAFN
MT Style
4- YMT334BN jacks
VMVHD*75T
HD
2- HD terminated jacks
VMVHD*NT
HD
2- HD non-terminated jacks
VMVSD*75T
SD
2- SD terminated jacks
VMVSD*NT
SD
2-SD non-terminated jacks
* Add “N” for non-normalled version
The VAP Series combines audio and video in one convenient patchbay. Standard
versions consist of 13 video jacks and 26 long-frame audio jacks into one unit.
Options include HD Series video jacks which are rated from DC to 2.4GHz or SD
Series rated from DC to 1.5GHz. Both come in either terminated or non-terminated
jacks. The MT Style audio jacks all have nickel-plated steel frames and gold-plated
switching contacts. Flared terminals make soldering easier. All audio jacks are
T,R,S, TN, and RN. Individual modules are useful for custom configurations.
VJHD*75TX
VAPK3HD*75T
See Page 36 For Video Jack
Ordering Information and
Page 69 For Audio Jack
Ordering Information
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com