Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 2 Page - NXP Semiconductors

  LM75BDP Datasheet HTML 1Page - NXP Semiconductors LM75BDP Datasheet HTML 2Page - NXP Semiconductors LM75BDP Datasheet HTML 3Page - NXP Semiconductors LM75BDP Datasheet HTML 4Page - NXP Semiconductors LM75BDP Datasheet HTML 5Page - NXP Semiconductors LM75BDP Datasheet HTML 6Page - NXP Semiconductors LM75BDP Datasheet HTML 7Page - NXP Semiconductors LM75BDP Datasheet HTML 8Page - NXP Semiconductors LM75BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
LM75B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2015. All rights reserved.
Product data sheet
Rev. 6.1 — 6 February 2015
2 of 37
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
Frequency range 20 Hz to 400 kHz with bus fault time-out to prevent hanging up the
bus
11-bit ADC that offers a temperature resolution of 0.125
C
Temperature accuracy of:
2 C from 25 C to +100 C
3 C from 55 C to +125 C
Programmable temperature threshold and hysteresis set points
Supply current of 1.0
A in shutdown mode for power conservation
Stand-alone operation as thermostat at power-up
ESD protection exceeds 4500 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Small 8-pin package types: SO8, TSSOP8, 3 mm
 2 mm XSON8U, and
2mm
 3mmHWSON8
3.
Applications
System thermal management
Personal computers
Electronics equipment
Industrial controllers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com