Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 5 Page - NXP Semiconductors

  LM75BDP Datasheet HTML 1Page - NXP Semiconductors LM75BDP Datasheet HTML 2Page - NXP Semiconductors LM75BDP Datasheet HTML 3Page - NXP Semiconductors LM75BDP Datasheet HTML 4Page - NXP Semiconductors LM75BDP Datasheet HTML 5Page - NXP Semiconductors LM75BDP Datasheet HTML 6Page - NXP Semiconductors LM75BDP Datasheet HTML 7Page - NXP Semiconductors LM75BDP Datasheet HTML 8Page - NXP Semiconductors LM75BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM75B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2015. All rights reserved.
Product data sheet
Rev. 6.1 — 6 February 2015
5 of 37
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
6.2 Pin description
7.
Functional description
7.1 General operation
The LM75B uses the on-chip band gap sensor to measure the device temperature with
the resolution of 0.125
C and stores the 11-bit two’s complement digital data, resulted
from 11-bit A-to-D conversion, into the device Temp register. This Temp register can be
read at any time by a controller on the I2C-bus. Reading temperature data does not affect
the conversion in progress during the read operation.
The device can be set to operate in either mode: normal or shutdown. In normal operation
mode, the temp-to-digital conversion is executed every 100 ms and the Temp register is
updated at the end of each conversion. During each ‘conversion period’ (Tconv) of about
100 ms the device takes only about 10 ms, called ‘temperature conversion time’ (tconv(T)),
to complete a temperature-to-data conversion and then becomes idle for the time
remaining in the period. This feature is implemented to significantly reduce the device
power dissipation. In shutdown mode, the device becomes idle, data conversion is
disabled and the Temp register holds the latest result; however, the device I2C-bus
interface is still active and register write/read operation can be performed. The device
operation mode is controllable by programming bit B0 of the configuration register. The
temperature conversion is initiated when the device is powered-up or put back into normal
mode from shutdown.
In addition, at the end of each conversion in normal mode, the temperature data (or Temp)
in the Temp register is automatically compared with the overtemperature shutdown
threshold data (or Tth(ots)) stored in the Tos register, and the hysteresis data (or Thys)
stored in the Thyst register, in order to set the state of the device OS output accordingly.
The device Tos and Thyst registers are write/read capable, and both operate with 9-bit
two’s complement digital data. To match with this 9-bit operation, the Temp register uses
only the 9 MSB bits of its 11-bit data for the comparison.
The way that the OS output responds to the comparison operation depends upon the OS
operation mode selected by configuration bit B1, and the user-defined fault queue defined
by configuration bits B3 and B4.
Table 3.
Pin description
Symbol
Pin
Description
SDA
1
Digital I/O. I2C-bus serial bidirectional data line; open-drain.
SCL
2
Digital input. I2C-bus serial clock input.
OS
3
Overtemperature Shutdown output; open-drain.
GND
4
Ground. To be connected to the system ground.
A2
5
Digital input. User-defined address bit 2.
A1
6
Digital input. User-defined address bit 1.
A0
7
Digital input. User-defined address bit 0.
VCC
8
Power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com