Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LM75BDP Datasheet HTML 8Page - NXP Semiconductors LM75BDP Datasheet HTML 9Page - NXP Semiconductors LM75BDP Datasheet HTML 10Page - NXP Semiconductors LM75BDP Datasheet HTML 11Page - NXP Semiconductors LM75BDP Datasheet HTML 12Page - NXP Semiconductors LM75BDP Datasheet HTML 13Page - NXP Semiconductors LM75BDP Datasheet HTML 14Page - NXP Semiconductors LM75BDP Datasheet HTML 15Page - NXP Semiconductors LM75BDP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
LM75B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2015. All rights reserved.
Product data sheet
Rev. 6.1 — 6 February 2015
12 of 37
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
7.7 OS fault queue
Fault queue is defined as the number of faults that must occur consecutively to activate
the OS output. It is provided to avoid false tripping due to noise. Because faults are
determined at the end of data conversions, fault queue is also defined as the number of
consecutive conversions returning a temperature trip. The value of fault queue is
selectable by programming the two bits B4 and B3 (OS_F_QUE[1:0]) in register Conf.
Notice that the programmed data and the fault queue value are not the same. Table 14
shows the one-to-one relationship between them. At power-up, fault queue data = 0 and
fault queue value = 1.
7.8 Shutdown mode
The device operation mode is selected by programming bit B0 (SHUTDOWN) of register
Conf. Setting bit SHUTDOWN to logic 1 will put the device into shutdown mode. Resetting
bit SHUTDOWN to logic 0 will return the device to normal mode.
In shutdown mode, the device draws a small current of approximately 1.0
A and the
power dissipation is minimized; the temperature conversion stops, but the I2C-bus
interface remains active and register write/read operation can be performed. When the
shutdown is set, the OS output will be unchanged in comparator mode and reset in
interrupt mode.
7.9 Power-up default and power-on reset
The LM75B always powers-up in its default state with:
• Normal operation mode
• OS comparator mode
• Tth(ots) = 80 C
• Thys = 75 C
• OS output active state is LOW
• Pointer value is logic 00 (Temp)
When the power supply voltage is dropped below the device power-on reset level of
approximately 1.0 V (POR) for over 2
s and then rises up again, the device will be reset
to its default condition as listed above.
Table 14.
Fault queue table
Fault queue data
Fault queue value
OS_F_QUE[1]
OS_F_QUE[0]
Decimal
00
1
01
2
10
4
11
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com