Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 3 Page - NXP Semiconductors

  LM75BDP Datasheet HTML 1Page - NXP Semiconductors LM75BDP Datasheet HTML 2Page - NXP Semiconductors LM75BDP Datasheet HTML 3Page - NXP Semiconductors LM75BDP Datasheet HTML 4Page - NXP Semiconductors LM75BDP Datasheet HTML 5Page - NXP Semiconductors LM75BDP Datasheet HTML 6Page - NXP Semiconductors LM75BDP Datasheet HTML 7Page - NXP Semiconductors LM75BDP Datasheet HTML 8Page - NXP Semiconductors LM75BDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
LM75B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2015. All rights reserved.
Product data sheet
Rev. 6.1 — 6 February 2015
3 of 37
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
4.
Ordering information
[1]
LM75BGD cannot be production cold temperature tested because of manufacturing process constraints. Although no LM75BGD
complaints have been noted, NXP recommends consideration/use of the LM75BTP instead of the LM75BGD in operating environments
of less than 0
C.
4.1 Ordering options
Table 1.
Ordering information
Type
number
Topside
mark
Package
Name
Description
Version
LM75BD
LM75BD
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
LM75BDP
LM75B
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
LM75BGD[1]
75B
XSON8U
plastic extremely thin small outline package; no leads; 8 terminals;
UTLP based; body 3
 2  0.5 mm
SOT996-2
LM75BTP
M75
HWSON8 plastic thermal enhanced very very thin small outline package;
no leads; 8 terminals, 2
 3  0.8 mm
SOT1069-2
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order
quantity
Temperature
LM75BD
LM75BD,112
SO8
Standard marking * IC’s tube -
DSC bulk pack
2000
Tamb = 55 C to +125 C
LM75BD,118
SO8
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 55 C to +125 C
LM75BDP
LM75BDP,118
TSSOP8
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 55 C to +125 C
LM75BGD
LM75BGD,125
XSON8U
Reel 7” Q3/T4 *Standard mark
3000
Tamb = 55 C to +125 C
LM75BTP
LM75BTP,147
HWSON8
Reel 7” Q2/T3 *Standard mark
4000
Tamb = 55 C to +125 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com