Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 106 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 106 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 102Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 103Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 104Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 105Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 106Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 107Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 108Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 109Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 110Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 152 page
background image
Table 64: IDD Specification Parameters and Operating Conditions (Continued)
Notes 1–3 apply to all parameters and conditions
Parameter/Condition
Symbol
Power Supply
Notes
Deep power-down current: CK_t = LOW, CK_c = HIGH; CKE is LOW; CA bus
inputs are stable; Data bus inputs are stable
IDD81
VDD1
7
IDD82
VDD2
7
IDD8IN
VDDQ
4, 7
Notes:
1. IDD values are the maximum of the distribution of the arithmetic mean.
2. IDD current specifications are tested after the device is properly initialized.
3. The 1x self refresh rate is the rate at which the device is refreshed internally during self
refresh before going into the extended temperature range.
4. Measured currents are the sum of VDDQ and VDD2.
5. Per-bank REFRESH is only applicable for LPDDR2-S4 device densities 1Gb or higher.
6. This is the general definition that applies to full-array self refresh. Refer to "IDD6 Full
and Partial Array Self-Refresh Current" for details of Partial Array Self Refresh IDD6
specification.
7. IDD6ET and IDD8 are typical values, sampled only and not tested.
AC and DC Operating Conditions
An operation or timing that is not specified is illegal. To ensure proper operation, the
device must be initialized properly.
Table 65: Recommended DC Operating Conditions
Symbol
LPDDR2-S4B
Power Supply
Unit
Min
Typ
Max
VDD11
1.70
1.80
1.95
Core power 1
V
VDD2
1.14
1.20
1.30
Core power 2
V
VDDQ
1.14
1.20
1.30
I/O buffer power
V
Note:
1. VDD1 uses significantly less power than VDD2.
Table 66: Input Leakage Current
Parameter/Condition
Symbol
Min
Max
Unit
Notes
Input leakage current: For CA, CKE, CS_n, CK_t, CK_c; Any input 0V
≤
VIN ≤ VDD2; (All other pins not under test = 0V)
IL
–2
2
μA1
VREF supply leakage current: VREFDQ = VDDQ/2, or VREFCA = VDD2/2; (All
other pins not under test = 0V)
IVREF
–1
1
μA2
Notes:
1. Although DM is for input only, the DM leakage must match the DQ and DQS_t/DQS_c
output leakage specification.
2. The minimum limit requirement is for testing purposes. The leakage current on VREFCA
and VREFDQ pins should be minimal.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Operating Conditions
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
106
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com