Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 107 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 107 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 103Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 104Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 105Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 106Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 107Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 108Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 109Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 110Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 111Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 152 page
background image
Table 67: Operating Temperature Range
Parameter/Condition
Symbol
Min
Max
Unit
Standard (WT) temperature range
TCASE1
–30
+85
˚C
Industrial (IT) temperature range
–40
+85
˚C
Automotive (AT) temperature range
–40
+105
˚C
Notes:
1. Operating temperature is the case surface temperature at the center of the top side of
the device. For measurement conditions, refer to the JESD51-2 standard.
2. Some applications require operation in the maximum case temperature range, between
85˚C and 105˚C. For some LPDDR2 devices, derating may be necessary to operate in this
range (see the MR4 Device Temperature (MA[7:0] = 04h) table).
3. Either the device operating temperature or the temperature sensor can be used to set
an appropriate refresh rate, determine the need for AC timing derating, and/or monitor
the operating temperature (see Temperature Sensor). When using the temperature sen-
sor, the actual device case temperature may be higher than the TCASE rating that applies
for the operating temperature range. For example, TCASE could be above 85˚C when the
temperature sensor indicates a temperature of less than 85˚C.
AC and DC Logic Input Measurement Levels for Single-Ended Signals
Table 68: Single-Ended AC and DC Input Levels for CA and CS_n Inputs
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466 LPDDR2-400 to LPDDR2-200
Unit
Notes
Min
Max
Min
Max
VIHCA(AC)
AC input logic HIGH
VREF + 0.220
Note 2
VREF + 0.300
Note 2
V
1, 2
VILCA(AC)
AC input logic LOW
Note 2
VREF - 0.220
Note 2
VREF - 0.300
V
1, 2
VIHCA(DC)
DC input logic HIGH
VREF + 0.130
VDD2
VREF + 0.200
VDD2
V1
VILCA(DC)
DC input logic LOW
VSS
VREF - 0.130
VSS
VREF - 0.200
V
1
VREFCA(DC)
Reference voltage for
CA and CS_n inputs
0.49 × VDD2
0.51 × VDD2
0.49 × VDD2
0.51 × VDD2
V
3, 4
Notes:
1. For CA and CS_n input-only pins. VREF = VREFCA(DC).
2. See Overshoot and Undershoot Definition.
3. The AC peak noise on VREFCA could prevent VREFCA from deviating more than ±1% VDD2
from VREFCA(DC) (for reference, approximately ±12mV).
4. For reference, approximately VDD2/2 ±12mV.
Table 69: Single-Ended AC and DC Input Levels for CKE
Symbol
Parameter
Min
Max
Unit
Notes
VIHCKE
CKE input HIGH level
0.8 × VDD2
Note 1
V
1
VILCKE
CKE input LOW level
Note 1
0.2 × VDD2
V1
Note:
1. See Overshoot and Undershoot Definition.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Single-Ended
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
107
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com