Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 111 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 111 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 107Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 108Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 109Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 110Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 111Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 112Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 113Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 114Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 115Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
Figure 71: LPDDR2-200 to LPDDR2-400 Input Signal
0.300V
0.000V
0.400V
0.576V
0.588V
0.600V
0.612V
0.624V
0.800V
0.900V
V
IL(AC)
V
IL(DC)
V
REF - AC noise
V
REF - DC error
V
REF + DC error
V
REF + AC noise
V
IH(DC)
V
IH(AC)
1.200V
1.550V
–0.350V
V
DD
V
DD + 0.35V
narrow pulse width
V
SS - 0.35V
narrow pulse width
V
SS
0.300V
0.400V
0.576V
0.588V
0.600V
0.612V
0.624V
0.800V
0.900V
Minimum V
IL and VIH levels
V
IH(DC)
V
IH(AC)
V
IL(AC)
V
IL(DC)
V
IL and VIH levels with ringback
Notes:
1. Numbers reflect typical values.
2. For CA[9:0], CK_t, CK_c, and CS_n VDD stands for VDD2. For DQ, DM, DQS_t, and DQS_c,
VDD stands for VDDQ.
3. For CA[9:0], CK_t, CK_c, and CS_n are VSS. For DQ, DM, DQS_t, and DQS_c, VSS stands for
VSSQ.
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Single-Ended
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
111
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com