Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDBA164B4PR-1DITF-R Datasheet(PDF) 112 Page - Micron Technology

Part # EDBA164B4PR-1DITF-R
Description  216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM Features
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

EDBA164B4PR-1DITF-R Datasheet(HTML) 112 Page - Micron Technology

Back Button EDBA164B4PR-1DITF-R Datasheet HTML 108Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 109Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 110Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 111Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 112Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 113Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 114Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 115Page - Micron Technology EDBA164B4PR-1DITF-R Datasheet HTML 116Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
AC and DC Logic Input Measurement Levels for Differential Signals
Figure 72: Differential AC Swing Time and tDVAC
tDVAC
tDVAC
1/2 cycle
Time
V
IH,diff(AC)min
V
IH,diff(DC)min
0.0
V
IL,diff(DC)max
V
IL,diff(AC)max
CK_t, CK_c
DQS_t, DQS_c
Table 71: Differential AC and DC Input Levels
For CK_t and CK_c, VREF = VREFCA(DC); For DQS_t and DQS_c VREF = VREFDQ(DC)
Symbol
Parameter
LPDDR2-1066 to LPDDR2-466
LPDDR2-400 to LPDDR2-200
Unit Notes
Min
Max
Min
Max
VIH,diff(AC)
Differential input
HIGH AC
2 × (VIH(AC) - VREF)
Note 1
2 × (VIH(AC) - VREF)
Note 1
V
2
VIL,diff(AC)
Differential input
LOW AC
Note 1
2 × (VIL(AC) - VREF)
Note 1
2 × (VIL(AC) - VREF)V
2
VIH,diff(DC)
Differential input
HIGH
2 × (VIH(DC) - VREF)
Note 1
2 × (VIH(DC) - VREF)
Note 1
V
3
VIL,diff(DC)
Differential input
LOW
Note 1
2 × (VIL(DC) - VREF)
Note 1
2 × (VIL(DC) - VREF)V
3
Notes:
1. These values are not defined, however the single-ended signals CK_t, CK_c, DQS_t, and
DQS_c must be within the respective limits (VIH(DC)max, VIL(DC)min) for single-ended signals
and must comply with the specified limitations for overshoot and undershoot (see Over-
shoot and Undershoot Definitions).
216-Ball and 220-Ball, Dual-Channel LPDDR2 SDRAM
AC and DC Logic Input Measurement Levels for Differential
Signals
09005aef85eb530a
216b_220b_2ch_2e0e_embedded_lpddr2.pdf – Rev. F 08 /16 EN
112
Micron Technology, Inc. reserves the right to change products or specifications without notice.
© 2014 Micron Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com