Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST33G384M Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST33G384M
Description  M2M industrial secure MCU with 32-bit ARM® SecurCore® SC300??CPU and high-density Flash memory
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33G384M Datasheet(HTML) 1 Page - STMicroelectronics

  ST33G384M Datasheet HTML 1Page - STMicroelectronics ST33G384M Datasheet HTML 2Page - STMicroelectronics ST33G384M Datasheet HTML 3Page - STMicroelectronics ST33G384M Datasheet HTML 4Page - STMicroelectronics ST33G384M Datasheet HTML 5Page - STMicroelectronics ST33G384M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
March 2016
DocID028876 Rev 2
1/6
ST33GxxxM
M2M industrial secure MCU with 32-bit ARM® SecurCore®
SC300™ CPU and high-density Flash memory
Data brief
Features
Hardware features
 ARM® SecurCore® SC300™ 32-bit RISC core
cadenced at 25 MHz
 Operating temperature: –40 to 105 °C
 30 Kbytes of user RAM
 Up to 1280 Kbytes of user Flash memory with
OTP area
 Asynchronous receiver transmitter supporting
ISO/IEC 7816-3 T=0 and T=1 protocols (Slave
mode supported)
 Single wire protocol (SWP) interface for
communications with NFC router (ETSI
102-613 compliant)
 Industrial qualification (JEDEC)
 Serial peripheral interface (SPI) master/slave
interface
 Three 16-bit timers with interrupt capability
including one 16-bit timer with watchdog
capability
 Seven general-purpose I/Os enabling
proprietary protocol implementation
 1.8 V, 3 V and 5 V supply voltage ranges
 External clock frequency from 1 up to 10 MHz
 Current consumption compatible with GSM
and ETSI specifications
 Power-saving standby state
 Contact assignment compatible with
ISO/IEC 7816-2
 ESD protection greater than 4 kV (HBM)
Security features
 Active shield
 Memory protection unit (MPU)
 Monitoring of environmental parameters
 Protection against faults
 16- and 32-bit CRC calculation block (ISO
13239, IEEE 802.3, etc.)
 True random number generator
 Unique serial number on each die
 Hardware security-enhanced DES accelerator
 Hardware security-enhanced AES accelerator
 NESCRYPT coprocessor for public key
cryptography algorithm
Applications
 Industrial and machine-to-machine
 Vending machines
 Remote control/monitoring
 Access control, alarms and security
 Consumer electronics
 Mobile health (mHealth)
DFN8 6 × 5 mm
wettable flanks
Wafer
Table 1. Device summary
Part number
Memory size in Kbytes
ST33G1M2M
1280
ST33G1M0M
1024
ST33G896M
896
ST33G768M
768
ST33G640M
640
ST33G512M
512
ST33G384M
384
www.st.com


Similar Part No. - ST33G384M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33G384A STMICROELECTRONICS-ST33G384A Datasheet
181Kb / 6P
Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
10-Mar-2016
More results

Similar Description - ST33G384M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST33G1M2 STMICROELECTRONICS-ST33G1M2 Datasheet
170Kb / 4P
Secure MCU with 32-bit ARM짰 SecurCore SC300 CPU and high-density Flash memory
01-Oct-2013
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
ST33TPM12LPC STMICROELECTRONICS-ST33TPM12LPC Datasheet
319Kb / 13P
Trusted Platform Module with LPC interface based on 32-bit ARM® SecurCore® SC300™ CPU
07-Nov-2013
ST33GXXXA STMICROELECTRONICS-ST33GXXXA Datasheet
181Kb / 6P
Secure MCU with 32-bit ARM® SecurCore® SC300™ CPU,SWP interface and high-density Flash memory, automotive grade
10-Mar-2016
ST32G512A STMICROELECTRONICS-ST32G512A Datasheet
181Kb / 5P
M2M automotive-grade secure MCU with 32-bit ARM® Cortex®-M3 CPU and up to 512 Kbytes of high density Flash memory
27-Jan-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com