Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3994 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3994
Description  50mA CMOS Voltage Regulator with Enable Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3994 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3994 Datasheet HTML 1Page - National Semiconductor (TI) LP3994 Datasheet HTML 2Page - National Semiconductor (TI) LP3994 Datasheet HTML 3Page - National Semiconductor (TI) LP3994 Datasheet HTML 4Page - National Semiconductor (TI) LP3994 Datasheet HTML 5Page - National Semiconductor (TI) LP3994 Datasheet HTML 6Page - National Semiconductor (TI) LP3994 Datasheet HTML 7Page - National Semiconductor (TI) LP3994 Datasheet HTML 8Page - National Semiconductor (TI) LP3994 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Descriptions
Packages micro SMD-4 and LLP-6
Pin No
micro
SMD
Pin No
LLP
Symbol
Name and Function
A1
5
V
EN
Enable Input; Enables the Regulator when
≥ 1.2V
Disables the Regulator when
≤ 0.4V
B1
2
GND
Common Ground
B2
1
V
OUT
Voltage output. A 1.0µF Low ESR Capacitor should be connected
to this Pin. Connect this output to the load circuit.
A2
6
V
IN
Voltage Supply Input. A 1.0µF capacitor should be connected at
this input.
3
No Connection. Do not connect to any other device pins.
4
No Connection. Do not connect to any other device pins.
pad
Connect to ground for good thermal operation.
Connection Diagrams
20046502
micro SMD-4 Package
See NS package number TLA04
20046507
LLP- 6 Package (SOT23 footprint)
See NS Package Number LDE06A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com