Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3994 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3994
Description  50mA CMOS Voltage Regulator with Enable Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3994 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3994 Datasheet HTML 1Page - National Semiconductor (TI) LP3994 Datasheet HTML 2Page - National Semiconductor (TI) LP3994 Datasheet HTML 3Page - National Semiconductor (TI) LP3994 Datasheet HTML 4Page - National Semiconductor (TI) LP3994 Datasheet HTML 5Page - National Semiconductor (TI) LP3994 Datasheet HTML 6Page - National Semiconductor (TI) LP3994 Datasheet HTML 7Page - National Semiconductor (TI) LP3994 Datasheet HTML 8Page - National Semiconductor (TI) LP3994 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ordering Information
For micro SMD Package
Output
Voltage (V)
Grade
LP3994 Supplied as 1000
Units, Tape and Reel
LP3994 Supplied as 3000
Units, Tape and Reel
1.5
STD
LP3994TL-1.5
LP3994TLX-1.5
1.8
STD
LP3994TL-1.8
LP3994TLX-1.8
For microSMD Package (Lead Free)
Output
Voltage (V)
Grade
LP3994 Supplied as 1000
Units, Tape and Reel
LP3994 Supplied as 3000
Units, Tape and Reel
1.5
STD
LP3994TL-1.5NOPB
LP3994TLX-1.5NOPB
1.8
STD
LP3994TL-1.8NOPB
LP3994TLX-1.8NOPB
For LLP Package
Output
Voltage (V)
Grade
LP3994 Supplied as 1000
Units, Tape and Reel
LP3994 Supplied as 3000
Units, Tape and Reel
Package Marking
1.5
STD
LP3994LD-1.5
LP3994LDX-1.5
L028B
1.8
STD
LP3994LD-1.8
LP3994LDX-1.8
L029B
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com