Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3994 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3994
Description  50mA CMOS Voltage Regulator with Enable Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3994 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3994 Datasheet HTML 1Page - National Semiconductor (TI) LP3994 Datasheet HTML 2Page - National Semiconductor (TI) LP3994 Datasheet HTML 3Page - National Semiconductor (TI) LP3994 Datasheet HTML 4Page - National Semiconductor (TI) LP3994 Datasheet HTML 5Page - National Semiconductor (TI) LP3994 Datasheet HTML 6Page - National Semiconductor (TI) LP3994 Datasheet HTML 7Page - National Semiconductor (TI) LP3994 Datasheet HTML 8Page - National Semiconductor (TI) LP3994 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3994
50mA CMOS Voltage Regulator with Enable Control
General Description
The LP3994 regulator provides 1.5V and 1.8V outputs op-
tions at up to 50mA load current. The LP3994 provides an
accurate output voltage with low quiescent current at full
current. Good noise performance is obtained without a noise
bypass capacitor. The low quiescent current in operation can
be reduced to virtually zero when the device is disabled via
a logic signal to the enable input. In conjuction with small
space saving capacitors, the small package size of the mi-
croSMD devices results in a regulator solution with a very
small footprint for any given application.
The LP3994 is suitable for general use within the range of
portable, battery-powered equipment and voltage options
other than 1.5V and 1.8V can be made available.
The LP3994 also features short-circuit and thermal-
shutdown protection.
Performance is specified for a -40˚C to 125˚C temperature
range.
This device is available with output voltages of 1.5V and
1.8V in both microSMD and LLP packages. Other voltages
and alternative packages may be made available, please
contact your local NSC sales office.
Features
n
4 Pin MicroSMD Package/ 6 Pin LLP
n
No Noise Bypass Capacitor Required
n
Logic Controlled Enable
n
Stable with Low ESR Ceramic Capacitors
n
Fast turn on time
n
Thermal-Overload and Short Circuit Protection
Key Specifications
n
Input Voltage Range
2.5 to 5.5V
n
Output Voltage Range
1.5 to 3.3V
n
Output Current
50mA
n
Noise Figure
95µV
RMS
n
PSRR
70dB
n
Fast Startup
10µs
n
Output Capacitor
1µF Low ESR
n
Virtually Zero I
Q(Disabled)
0.001µA
Package
Tiny 4 Pin micro SMD
1mm by 1mm by 0.6m
6 pin LLP
SOT23 footprint
Applications
n
Bluetooth Devices
n
Battery Powered Devices
n
Portable Information Appliances
Typical Application Circuit
20046501
August 2004
© 2004 National Semiconductor Corporation
DS200465
www.national.com


Similar Part No. - LP3994

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI2-LP3990 Datasheet
724Kb / 30P
LP3990 150-mA Linear Voltage Regulator for Digital Applications
REVISED SEPTEMBER 2014
More results

Similar Description - LP3994

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
300mA CMOS Low Dropout Voltage Regulator with Enable
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
700mA High Voltage Adjustable Current Regulator With Enable Control
logo
Shenzhen Huazhimei Semi...
HM53XXM5 HMSEMI-HM53XXM5 Datasheet
491Kb / 12P
High Speed Current_Low Dropout CMOS Voltage Regulator HM53XXM5 Series 500mA (With Enable control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com