Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3994 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3994
Description  50mA CMOS Voltage Regulator with Enable Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3994 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3994 Datasheet HTML 1Page - National Semiconductor (TI) LP3994 Datasheet HTML 2Page - National Semiconductor (TI) LP3994 Datasheet HTML 3Page - National Semiconductor (TI) LP3994 Datasheet HTML 4Page - National Semiconductor (TI) LP3994 Datasheet HTML 5Page - National Semiconductor (TI) LP3994 Datasheet HTML 6Page - National Semiconductor (TI) LP3994 Datasheet HTML 7Page - National Semiconductor (TI) LP3994 Datasheet HTML 8Page - National Semiconductor (TI) LP3994 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
-0.3 to 6.5V
Output Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
Enable Input Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
Junction Temperature
150˚C
Lead Temp.
microSMD
260˚C
LLP
235oC
Storage Temperature
-65 to 150˚C
Continuous Power
Dissipation(Note 3)
Internally Limited
ESD Rating (Note 4)
Human Body Model
2KV
Machine Model
200V
Operating Conditions(Notes 1, 2)
Input Voltage
2.5 to 5.5V
Enable Input Voltage
0 to (V
IN + 0.3V)
Junction Temperature (T
J) Range
-40˚C to 125˚C
Ambient Temperature (T
A) Range
(Note 5)
-40 to 85oC
Thermal Properties
Junction to Ambient Thermal Resistance(Note 6)
θ
JA microSMD package
220oC/W
θ
JA LLP package
88oC/W
Electrical Characteristics(Notes 2, 7)
Unless otherwise noted, V
EN = 1.2, VIN =VOUT + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF. Typical values and limits ap-
pearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the full temperature range for opera-
tion, −40 to +125˚C. (Notes 13, 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Device Output: V
OUT
≤ 1.8V
V
IN
Input Voltage
2.5
5.5
V
∆V
OUT
Output Voltage Tolerance
Over full line and load regulation.
-60
+60
mV
Line Regulation Error
V
IN =(VOUT(NOM) + 1.0V) to 5.5V,
I
OUT = 1mA
0.005
0.07
%/V
Load Regulation Error
I
OUT = 1mA to 50mA
100
400
µV/mA
I
Q
Quiescent Current
microSMD:
I
OUT = 0mA
15
35
µA
I
OUT = 50mA
22
50
LLP:
I
OUT = 0mA
15
40
I
OUT = 50mA
25
65
Quiescent Current(Disabled)
V
EN = 0.4V
0.001
1.5
Device Output: V
OUT > 1.8V
V
IN
Input Voltage
2.5
5.5
V
∆V
OUT
Output Voltage Tolerance
Over full line and load regulation.
-90
+90
mV
Line Regulation Error
V
IN =(VOUT(NOM) + 1.0V) to 5.5V,
I
OUT = 1mA
0.005
0.1
%/V
Load Regulation Error
I
OUT = 1mA to 50mA
100
500
µV/mA
Dropout Voltage
(where applicable)
I
OUT = 1mA
1.5
4.5
mV
I
OUT = 50mA
75
140
I
Q
Quiescent Current
microSMD:
I
OUT = 0mA
18
50
µA
I
OUT = 50mA
22
60
LLP:
I
OUT = 0mA
20
55
I
OUT = 50mA
22
65
Quiescent Current(Disabled)
V
EN = 0.4V
0.001
1.5
Full V
OUT RANGE
I
LOAD
Load Current
(Notes 8, 9)
0
µA
I
SC
Short Circuit Current Limit
(Note 12)
235
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com