Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA034AA Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MMA034AA
Description  DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA034AA Datasheet(HTML) 4 Page - Microsemi Corporation

  MMA034AA Datasheet HTML 1Page - Microsemi Corporation MMA034AA Datasheet HTML 2Page - Microsemi Corporation MMA034AA Datasheet HTML 3Page - Microsemi Corporation MMA034AA Datasheet HTML 4Page - Microsemi Corporation MMA034AA Datasheet HTML 5Page - Microsemi Corporation MMA034AA Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMA034AA
SMD-00173 Rev C
Subject to Change Without Notice
4 of 6
DC Bias:
The MMA034AA features a patented on-
chip passive bias circuit called ‘PLFX’. This circuit isolates
the amplifier from bias coil resonances above 14GHz, allowing the use of less expensive coils;
traditional biasing requires bias coils with self-resonances outside the operating range of the amplifier.
The device is biased by applying a positive voltage to the drain (Vdd), then setting the drain current
(Idd) using a negative voltage on the gate (Vg1). The nominal bias is Vdd=8V, Idd=250mA.
Improved performance can be achieved with gate bias adjustment; use the drain termination bypass
to alter the output voltage (detected from the drain sense).
Gain Control:
Dynamic gain control is available when operating the amplifier in the linear gain region. Negative
voltage applied to the second gate (Vg2) reduces amplifier gain.
RF Power Detection:
RF output power can be calculated from the difference between the RF detector voltage
and the DC detector voltage, minus a DC offset. Please consult the application note available
on the Microsemi website.
Low-Frequency Use:
The MMA034AA has been designed so that the bandwidth can be extended to low frequencies.
The low end corner frequency of the device is primarily determined by the external biasing
and AC coupling circuitry.
Matching:
The amplifier incorporates on- chip termination resistors on the RF input and output. These
resistors are RF grounded through on-chip capacitors, which are small and become open circuits
at frequencies below 1GHz.
A pair of gate and drain termination bypass pads are provided for connecting external capacitors
required for the low frequency extension network. These capacitors should be 10x the value
of the DC blocking capacitors.
DC Blocks:
The amplifier is DC coupled to the RF input and output pads; DC voltage on these pads must
be isolated from external circuitry.
For operation above 2GHz, a series DC-blocking capacitor with minimum value of 20pF
is recommended; operation above 40MHz requires a minimum of 120pF.
Bias Inductor:
DC bias applied to the drain (Vdd) must be decoupled with an off-chip RF choke inductor.
The amount of bias inductance will determine the low frequency operating point. Inductive biasing
can also be applied to the chip through the RF output.
For many applications above 2GHz, a bondwire from the Vdd pad will suffice as the biasing inductor.
Ensure the correct bond length as shown in the assembly diagrams.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com