Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA034AA Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MMA034AA
Description  DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMA034AA Datasheet(HTML) 1 Page - Microsemi Corporation

  MMA034AA Datasheet HTML 1Page - Microsemi Corporation MMA034AA Datasheet HTML 2Page - Microsemi Corporation MMA034AA Datasheet HTML 3Page - Microsemi Corporation MMA034AA Datasheet HTML 4Page - Microsemi Corporation MMA034AA Datasheet HTML 5Page - Microsemi Corporation MMA034AA Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMA034AA
SMD-00173 Rev C
Subject to Change Without Notice
1 of 6
Features
•
Integrated PLFX technology:
▪ Allows use of less-expensive coil
•
Excellent 0.04-50GHz performance:
▪ 9.5 ± 0.75dB gain
▪ 19.5dBm Psat, 16.5dBm P1dB
▪ 11dB return loss
•
Broadband 65GHz performance:
▪ 7.5dB gain, 9dB return loss
•
>30dB dynamic gain control
•
Integrated power detector
•
100% DC, RF, and visually tested
•
Size: 1640x920um (64.6x36.2mil)
•
ECCN 3A001.b.2.d
Description
The MMA034AA is an eight stage
traveling wave amplifier. The amplifier
features Microsemi PLFX (Passive Low
Frequency eXtension) circuitry designed to
reduce the integration cost of the amplifier.
PLFX isolates the amplifier from bias inductor
resonances, allowing use of a less-expensive
coil.
Application
The MMA034AA Broadband MMIC
Medium-Power Amplifier with PLFX
is designed for broadband power applications
in RF and microwave communications, test
equipment and military systems. By using
specific external components, the bandwidth
of operation can be extended below 40MHz.
Key Characteristics: Vdd=8V,
Idd=250mA, Zo=50Ω
Specifications pertain to wafer measurements with RF probes and DC bias cards @ 25°C
1.5 - 40GHz
0.04 - 50GHz
0.04 - 65GHz
Parameter
Description
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
S21 (dB)
Small Signal Gain
8.5
10
-
8.5
9.5
-
6
7.5
-
Flatness (±dB)
Gain Flatness
-
0.75
1.25
-
0.75
1.25
-
-
-
S11 (dB)
Input Match
-
-16
-12
-
-16
-12
-
-14
-10
S22 (dB)
Output Match
-
-13
-10
-
-11
-8
-
-9
-7
S12 (dB)
Reverse Isolation
-
-25
-22
-
-20
-17
-
-18
-15
P1dB (dBm)
1dB Compressed Output Power
16.5
18
-
15
16.5
-
-
-
-
Psat (dBm)
Saturated Output Power
21
22.5
-
-
19.5
-
-
-
-
NF (dB)
Noise Figure
-
9
-
-
10.5
-
-
-
-
RFdet (mV/mW)
RF Detector Sensitivity
-
0.8
-
-
0.8
-
-
-
-
DC to 65GHz Broadband MMIC
Medium-Power Amplifier with PLFX


Similar Part No. - MMA034AA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMA036AA MICROSEMI-MMA036AA Datasheet
504Kb / 7P
DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX
RevD
More results

Similar Description - MMA034AA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
California Eastern Labs
UPC1678GV CEL-UPC1678GV Datasheet
340Kb / 7P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159_15 Datasheet
136Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
Microsemi Corporation
MMA036AA MICROSEMI-MMA036AA Datasheet
504Kb / 7P
DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX
RevD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com